Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 202 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 202 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 198Page - Texas Instruments TMS320F Datasheet HTML 199Page - Texas Instruments TMS320F Datasheet HTML 200Page - Texas Instruments TMS320F Datasheet HTML 201Page - Texas Instruments TMS320F Datasheet HTML 202Page - Texas Instruments TMS320F Datasheet HTML 203Page - Texas Instruments TMS320F Datasheet HTML 204Page - Texas Instruments TMS320F Datasheet HTML 205Page - Texas Instruments TMS320F Datasheet HTML 206Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 389 page
background image
MAC
Multiply and Accumulate
7-102
Description
The MAC instruction:
- Adds the previous product, shifted as defined by the PM status bits, to the
accumulator. The carry bit is set (C = 1) if the result of the addition gener-
ates a carry and is cleared (C = 0) if it does not generate a carry.
- Loads the TREG with the content of the specified data-memory address.
- Multiplies the data-memory value in the TREG by the contents of the spe-
cified program-memory address.
The data and program memory locations on the ’C20x may be any nonre-
served on-chip or off-chip memory locations. If the program memory is block
B0 of on-chip RAM, the CNF bit must be set to 1.
When the MAC instruction is repeated, the program-memory address con-
tained in the PC is incremented by 1 during each repetition. This makes it pos-
sible to access a series of operands in program memory. If you use indirect
addressing to specify the data-memory address, a new data-memory address
can be accessed during each repetition. If you use the direct addressing mode,
the specified data-memory address is a constant; it will not be modified during
each repetition.
MAC is useful for long sum-of-products operations because, when repeated,
it becomes a single-cycle instruction once the RPT pipeline is started.
Words
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com