Electronic Components Datasheet Search
  English  ▼

X  

TMS320F Datasheet(PDF) 253 Page - Texas Instruments

Part # TMS320F
Description  CPU and Instruction Set
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F Datasheet(HTML) 253 Page - Texas Instruments

Back Button TMS320F Datasheet HTML 249Page - Texas Instruments TMS320F Datasheet HTML 250Page - Texas Instruments TMS320F Datasheet HTML 251Page - Texas Instruments TMS320F Datasheet HTML 252Page - Texas Instruments TMS320F Datasheet HTML 253Page - Texas Instruments TMS320F Datasheet HTML 254Page - Texas Instruments TMS320F Datasheet HTML 255Page - Texas Instruments TMS320F Datasheet HTML 256Page - Texas Instruments TMS320F Datasheet HTML 257Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 389 page
background image
Subtract Short-Immediate Value From Auxiliary Register
SBRK
7-153
Assembly Language Instructions
Syntax
SBRK #
k
Short immediate addressing
Operands
k:
8-bit positive short immediate value
SBRK #
k
15
14
13
12
11
10
987
6543
210
0
1
1
1
1
1
0
0
k
Execution
Increment PC, then ...
(current AR) – k
→ current AR
Note that k is an 8-bit positive constant.
Status Bits
None
Description
The 8-bit immediate value is subtracted, right justified, from the content of the
current auxiliary register (the one pointed to by the ARP) and the result re-
places the contents of the auxiliary register. The subtraction takes place in the
auxiliary register arithmetic unit (ARAU), with the immediate value treated as
an 8-bit positive integer. All arithmetic operations on the auxiliary registers are
unsigned.
Words
1
Cycles for a Single SBRK Instruction
ROM
DARAM
SARAM
External
1
1
1
1+p
Example
SBRK
#0FFh
Before Instruction
After Instruction
ARP
7
ARP
7
AR7
0h
AR7
FF01h
Opcode
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com