Electronic Components Datasheet Search
  English  ▼

X  

STAC9752A Datasheet(PDF) 33 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 33 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 29Page - Integrated Device Technology STAC9752A Datasheet HTML 30Page - Integrated Device Technology STAC9752A Datasheet HTML 31Page - Integrated Device Technology STAC9752A Datasheet HTML 32Page - Integrated Device Technology STAC9752A Datasheet HTML 33Page - Integrated Device Technology STAC9752A Datasheet HTML 34Page - Integrated Device Technology STAC9752A Datasheet HTML 35Page - Integrated Device Technology STAC9752A Datasheet HTML 36Page - Integrated Device Technology STAC9752A Datasheet HTML 37Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
33
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
5.2.1.
AC-Link Variable Sample Rate Operation
The AC-Link serial interconnect defines a digital data and control pipe between the Controller and
the CODEC. The AC-Link supports twelve 20-bit slots at 48KHz on SDATA_IN and SDATA_OUT.
The time division multiplexed (TDM) “slot-based” architecture supports a per-slot valid tag infrastruc-
ture that the source of each slot’s data sets or clears to indicate the validity of the slot data within the
current audio frame. This tag infrastructure can be used to support transfers between Controller and
CODEC at any sample rate.
5.2.2.
Variable Sample Rate Signaling Protocol
AC-Link’s tag infrastructure imposes FIFO requirements on both sides of the AC-Link. For example,
in passing a 44.1KHz stream across the AC-Link, for every 480 audio output frames that are sent
across, 441 of them must contain valid sample data. Does the AC‘97 Digital Controller pass all 441
PCM samples followed by 39 invalid slots? Or does the AC‘97 Digital Controller evenly interleave
valid and non-valid slots? Each possible method brings with it different FIFO requirements. To
achieve interoperability between AC‘97 Digital Controllers and CODECs designed by different man-
ufacturers, it is necessary to standardize the scheme for at least one side of the AC-Link so that the
FIFO requirements will be common to all designs. The CODEC side of the AC-Link is the focus of
this standardization.
The new standard approach calls for the addition of “on demand” slot request flags. These flags are
passed from the CODEC to the AC‘97 Digital Controller during every audio input frame. Each time
the AC‘97 Digital Controller sees one or more of the newly-defined slot request flags set active (low)
in a given audio input frame, it knows that it must pass along the next PCM sample for the corre-
sponding slot(s) in the AC-Link output frame that immediately follows.
The VRA (Variable Rate Audio) bit in the Extended Audio Status and Control Register must be set to
1 to enable variable sample rate audio operation. Setting the VRA = 1 has two functions:
1.
Enables PCM DAC/ADC conversions at variable sample rates by write enabling Sample Rate
Registers 2C-34h.
2.
Enables the on demand CODEC-to-Controller signaling protocol using SLOTREQ bits that
becomes necessary when a DAC’s sample rate varies from the 48KHz AC-Link serial frame
rate.
The table below summarizes the behavior:
Note: If more than one CODEC is being used with the SAME controller DMA engine, VRA should NOT be
used.
For variable sample rate output, the CODEC examines its sample rate control registers, the state of
its FIFOs, and the incoming SDATA_OUT tag bits at the beginning of each AC-Link output frame to
determine which SLOTREQ bits to set active (low). SLOTREQ bits asserted during the current
Table 6. VRA Behavior
AC‘97 Functionality
VRA = 0
VRA = 1
SLOTREQ bits
always 0 (data each frame)
0 or 1 (data on demand)
sample rate registers
forced to 48KHz
writable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com