Electronic Components Datasheet Search
  English  ▼

X  

STAC9752A Datasheet(PDF) 73 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 73 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 69Page - Integrated Device Technology STAC9752A Datasheet HTML 70Page - Integrated Device Technology STAC9752A Datasheet HTML 71Page - Integrated Device Technology STAC9752A Datasheet HTML 72Page - Integrated Device Technology STAC9752A Datasheet HTML 73Page - Integrated Device Technology STAC9752A Datasheet HTML 74Page - Integrated Device Technology STAC9752A Datasheet HTML 75Page - Integrated Device Technology STAC9752A Datasheet HTML 76Page - Integrated Device Technology STAC9752A Datasheet HTML 77Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
73
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
7.4.1.
CODEC Class/Rev (60h Page 01h)
Register 24h must be set to Page 01h to access this register.
Default: 12xxh
7.4.2.
PCI SVID (62h Page 01h)
Register 24h must be set to Page 01h to access this register.
Default: FFFFh
68h
Function Information
Includes information about Gain, Inversion, Buffer delays,
Information Validity, and Function Information presence.
7.4.5: page75
6Ah
Sense Register
Includes information about the connector/jack location, Input verses
Output sensing, the Order of the sense results, and the IDT specific
sense results.
7.4.7: page78
6Ch
Reserved
6Eh
Reserved
D15
D14
D13
D12
D11
D10
D9
D8
Reserved
CL4
CL3
CL2
CL1
CL0
D7
D6
D5
D4
D3
D2
D1
D0
RV7
RV6
RV5
RV4
RV3
RV2
RV1
RV0
Bit(s)
Reset Value
Name
Description
15-13
Reserved
Reserved -NOT DEFINED
12-8
CL4:CL0
CODEC Compatibility Class (RO)
This is a CODEC vendor specific field to define software compatibility for
the CODEC. Software reads this field, together with CODEC vendor ID
(reg 7C-7Eh), to determine vendor specific programming interface
compatibility. Software can rely on vendor specific register behavior to be
compatible among vendor CODECs of the same class.
00h - Field not implemented
01h-1Fh - Vendor specific compatibility class code
Equals Vendor ID2(Reg 7Eh) bits D7 to D0
7-0
RV7:RV0
Revision ID: (RO)
This register specifies a device specific revision identifier. The value is
chosen by the vendor. Zero is an acceptable value. This field should be
viewed as a vendor defined extension to the CODEC ID. This number
changes with new CODEC stepping of the same CODEC ID.
D15
D14
D13
D12
D11
D10
D9
D8
PVI15
PVI14
PVI13
PVI12
PVI11
PVI10
PVI9
PVI8
D7
D6
D5
D4
D3
D2
D1
D0
PVI7
PVI6
PVI5
PVI4
PVI3
PVI2
PVI1
PVI0
Reg
NAME
FUNCTION
Location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com