Electronic Components Datasheet Search
  English  ▼

X  

STAC9752A Datasheet(PDF) 87 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 87 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 83Page - Integrated Device Technology STAC9752A Datasheet HTML 84Page - Integrated Device Technology STAC9752A Datasheet HTML 85Page - Integrated Device Technology STAC9752A Datasheet HTML 86Page - Integrated Device Technology STAC9752A Datasheet HTML 87Page - Integrated Device Technology STAC9752A Datasheet HTML 88Page - Integrated Device Technology STAC9752A Datasheet HTML 89Page - Integrated Device Technology STAC9752A Datasheet HTML 90Page - Integrated Device Technology STAC9752A Datasheet HTML 91Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
87
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
9. MULTIPLE CODEC SUPPORT
The STAC9752A/9753A provides support for the multi-CODEC option according to the Intel AC'97,
rev 2.3 specification. By definition there can be only one Primary CODEC (CODEC ID 00) and up to
three Secondary CODECs (CODEC IDs 01,10, and 11). The CODEC ID functions as a chip select.
Secondary devices therefore have completely orthogonal register sets; each is individually accessi-
ble and they do not share registers.
9.1.
Primary/Secondary CODEC Selection
In a multi-CODEC environment the CODEC ID is provided by external programming of pins 45 and
46 (CID0 and CID1). The CID pin electrical function is logically inverted from the CODEC ID desig-
nation. The corresponding pin state and its associated CODEC ID are listed in the "CODEC ID
Selection" table. Also see slot assignment discussion, “Multi-Channel Programming Register (Index
74)”.
9.1.1.
Primary CODEC Operation
As a Primary device the STAC9752A/9753A is completely compatible with existing AC'97 definitions
and extensions. Primary CODEC registers are accessed exactly as defined in the AC'97 Component
Specification and AC'97 Extensions. The STAC9752A/9753A operates as Primary by default, and
the external ID pins (45 and 46), have internal pull-ups so that these pins may be left as no-connects
for primary operation.
When used as the Primary CODEC, the STAC9752A/9753A generates the master AC-Link
BIT_CLK for both the AC'97 Digital Controller and any Secondary CODECs. The STAC9752A/
9753A can support up to four, 10K
Ω / 50pF loads on the BIT_CLK output. This is to ensure that up
to four CODEC implementations will not load down the clock output.
9.1.2.
Secondary CODEC Operation
When the STAC9752A/9753A is configured as a Secondary device the BIT_CLK pin is configured as
an input at power up. Using the BIT_CLK provided by the Primary CODEC insures that everything
on the AC-Link will be synchronous. As a Secondary device, it can be defined as CODEC ID 01, 10,
or 11 in the two-bit field(s) of the Extended Audio and/or Extended Modem ID Register(s).
Table 29. CODEC ID Selection
CID1 State
CID0 State
CODEC ID
CODEC Status
DVdd or floating
DVdd or floating
00
Primary
DVdd or floating
0V
01
Secondary
0V
DVdd or floating
10
Secondary
0V
0V
11
Secondary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com