Electronic Components Datasheet Search
  English  ▼

X  

STAC9752A Datasheet(PDF) 65 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 65 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 61Page - Integrated Device Technology STAC9752A Datasheet HTML 62Page - Integrated Device Technology STAC9752A Datasheet HTML 63Page - Integrated Device Technology STAC9752A Datasheet HTML 64Page - Integrated Device Technology STAC9752A Datasheet HTML 65Page - Integrated Device Technology STAC9752A Datasheet HTML 66Page - Integrated Device Technology STAC9752A Datasheet HTML 67Page - Integrated Device Technology STAC9752A Datasheet HTML 68Page - Integrated Device Technology STAC9752A Datasheet HTML 69Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
65
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
7.1.20.1.
Variable Rate Sampling Enable
The Extended Audio Status Control register also contains one active bit to enable or disable the
Variable Sampling Rate capabilities of the DACs and ADCs. If the VRA bit D0 is 1, the variable sam-
ple rate control registers (2Ch and 32h) are active, and “on-demand” slot data required transfers are
allowed. If the VRA bit is 0, the DACs and ADCs will operate at the default 48KHz data rate.
The STAC9752A/9753A supports “on-demand” slot request flags. These flags are passed from the
CODEC to the AC’97 controller in every audio input frame. Each time a slot request flag is set (active
Bit(s) Reset Value
Name
Description
15
VCFG
Determines the SPDIF transmitter behavior when data is not being
transmitted. When asserted, this bit forces the deassertion of the SPDIF
“Validity” flag, which is bit 28 transmitted by the SPDIF sub-frame. The “V” bit
is defined in the SPDIF Control Register (Reg 3Ah).
If “V” = 1 and “VCFG” = 0, then for each S/PDIF sub-frame (Left & Right),
bit<28> “Validity” flag reflects whether or not an internal CODEC transmission
error has occurred. Specifically an internal CODEC error should result in the
“Validity” flag being set to 1.
If “V” = 0 and “VCFG” = 1, In the case where the S/PDIF transmitter does not
receive a valid sample from the AC'97 controller, (Left or Right), the S/PDIF
transmitter should set the “Validity” flag to 0 and pad the “Audio Sample
Word” with 0s for sub-frame in question. If a valid sample (Left or Right) was
received and successfully transmitted, the “Validity” flag should be 0 for that
sub-frame.
Default state, coming out of reset, for “V” and “VCFG” should be 0 and 0.
These bits are set-able via driver .inf options.
14-11
Reserved
Reserved
10
0
SPCV
0 = invalid SPDIF configuration
1 = valid SPDIF configuration
9:6
0
Reserved
Bit not used, should read back 0
5:4
0
SPSA1:SPSA0
SPDIF slot assignment
If CID[1:0] = 00 then SPSA[1:0] resets to 01
If CID[1:0] = 01 then SPSA[1:0] resets to 10
If CID[1:0] = 10 then SPSA[1:0] resets to 10
If CID[1:0] = 11 then SPSA[1:0] resets to 11
00 = left slot 3, right slot 4
01 = left slot 7, right slot 8
10 = left slot 6, right slot 9
11 = left slot 10, right slot 11
3
Reserved
Reserved
2
0
SPDIF
0 = disables SPDIF (SPDIF_OUT is high-Z ) (Note 1)
1 = enable SPDIF
SPDIF is a control register for Reg 3Ah, this bit must be set low (i.e. SPDIF
disabled) in order to write to Reg 3Ah Bits D15, D13:D0.
1
0
Reserved
Bit not used, should read back 0
0
0
VRA Enable
0 = VRA disabled, DAC and ADC set to 48KHz (Registers 2Ch and 32h
loaded with the value BB80h)
1 = VRA enabled, Reg. 2Ch & 32h control sample rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com