Electronic Components Datasheet Search
  English  ▼

X  

STAC9752A Datasheet(PDF) 40 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 40 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 36Page - Integrated Device Technology STAC9752A Datasheet HTML 37Page - Integrated Device Technology STAC9752A Datasheet HTML 38Page - Integrated Device Technology STAC9752A Datasheet HTML 39Page - Integrated Device Technology STAC9752A Datasheet HTML 40Page - Integrated Device Technology STAC9752A Datasheet HTML 41Page - Integrated Device Technology STAC9752A Datasheet HTML 42Page - Integrated Device Technology STAC9752A Datasheet HTML 43Page - Integrated Device Technology STAC9752A Datasheet HTML 44Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
40
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
before attempting any register writes, or attempting to enable any audio stream, to avoid undesirable
audio artifacts.
Prior to any attempts at putting an AC‘97 CODEC into operation, the AC‘97 Controller should poll the
first bit in the AC-Link input frame (SDATA_IN slot 0, bit 15) for an indication that CODEC has gone
“CODEC Ready”. Once an AC‘97 CODEC is sampled “CODEC Ready”1 then the next 12 bit posi-
tions sampled by the AC‘97 Controller indicate which of the corresponding 12 time slots are
assigned to input data streams, and that they contain valid data.
5.4.2.
Slot 1: Status Address Port / SLOTREQ Signaling Bits
5.4.2.1.
Status Address Port
The status port is used to monitor status for the STAC9752A/9753A functions including, but not lim-
ited to, mixer settings and power management. AC-Link input frame slot 1’s stream echoes the con-
trol register index, for historical reference, for the data to be returned in slot 2. (Assuming that slots 1
and 2 had been tagged “valid” by the AC‘97 CODEC during slot 0.
The first bit (MSB) generated by AC‘97 is always stuffed with a 0. The following 7 bit positions com-
municate the associated control register address, the next 10 bits support AC‘97’s variable sample
rate signaling protocol, and the trailing 2 bit positions are stuffed with 0s by AC‘97.
5.4.2.2.
SLOTREQ signaling bits
AC-Link input frame Slot #1, the Status Address Port, now delivers CODEC control register read
address and variable sample rate slot request flags for all output slots. Ten of the formerly reserved
least significant bits have been defined as data request flags for output slots 3-12.
The AC-Link input frame Slot 1 tag bit is independent of the bit 11-2 slot request field, and ONLY
indicates valid Status Address Port data (Control Register Index). The CODEC should only set
SDATA_IN tag bits for Slot 1 (Address) and Slot 2 (Data) to 1 when returning valid data from a previ-
ous register read. They should otherwise be set to 0. SLOTREQ bits have validity independent of the
Slot 1 tag bit.
1. There are several subsections within an AC‘97 CODEC that can independently go busy/ready. It is the responsibility
of the AC’97 Controller to probe more deeply into the AC‘97 CODEC’s register file to determine which subsections
are actually ready.
Table 9. Status Address Port Bit Assignments
Bit
Description
Comments
19
Reserved
Stuffed with 0s
18:12
Control Register Index
Echo of register index for which data is being returned
11:2
SLOTREQ
See Section5.4.2.2: page40
1:0
Reserved
Stuffed with 0s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com