Electronic Components Datasheet Search
  English  ▼

X  

STAC9752A Datasheet(PDF) 48 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 48 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 44Page - Integrated Device Technology STAC9752A Datasheet HTML 45Page - Integrated Device Technology STAC9752A Datasheet HTML 46Page - Integrated Device Technology STAC9752A Datasheet HTML 47Page - Integrated Device Technology STAC9752A Datasheet HTML 48Page - Integrated Device Technology STAC9752A Datasheet HTML 49Page - Integrated Device Technology STAC9752A Datasheet HTML 50Page - Integrated Device Technology STAC9752A Datasheet HTML 51Page - Integrated Device Technology STAC9752A Datasheet HTML 52Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
48
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
6.2.
SPDIF Digital Mux
The STAC9752A/9753A incorporates a digital output that supports SPDIF formats. A multiplexer
determines which of two digital input streams are used for the digital output conversion process.
These two streams include the PCM OUT data from the audio controller and the ADC recorded out-
put. The normal analog LINE_OUT signal can be converted to the SPDIF formats by using the inter-
nal ADC to record the “MIX” output, which is the combination of all analog and all digital sources. In
the case of digital controllers with support for four or more channels, the SPDIF output mode can be
used to support compressed 6-channel output streams for delivery to home theater systems. These
can be routed on alternate AC-Link slots to the SPDIF output, while the standard 2-channel output is
delivered as selected by bits D5 and D4 in Register 6E. If the digital controller supports six channels,
a SPDIF output with four analog channels can also be configured.
If the Digital Controller has independent DMA engines, SPDIF and Analog can be used simulta-
neously and independently.
6.3.
PC Beep Implementation
The STAC9752A/9753A offers two styles of PC BEEP, Analog and Digital. The digital PC BEEP is a
new feature added to the AC’97 Specification Rev 2.3. This style of PC BEEP will eventually replace
the Analog style, thus eliminating the need for a PC BEEP pin. Until this feature is widely accepted,
IDT will provide BOTH styles of PC BEEP. Both PC BEEP styles use Reg 0Ah. Additional informa-
tion about Reg0Ah can be found in Section7.1.5: page53.
6.3.1.
Analog PC Beep
PC Beep is active on power up and defaults to an un-muted state. The PC_BEEP input is routed
directly to the MONO_OUT, LINE_OUT and HP_OUT pins of the CODEC. Because the PC_BEEP
input drive is often a full scale digital signal, some resistive attenuation of the PC_BEEP input is rec-
ommended to keep the beep tone within reasonable volume levels. The user should mute this input
before using any other mixer input because the PC Beep input can contribute noise to the lineout
during normal operation. This style of PC BEEP is related to the AC’97 Specification Rev 2.2. To use
the analog PC BEEP, write a value of 00h to bits F[7:0](D[12:5]) to disable the Digital PC Beep gen-
eration. PV[3:0] (D[4:1]) controls the volume level from 0 to 45dB of attenuation in 3dB steps.
6.3.2.
Digital PC Beep
The Digital PC Beep uses the identical register as the Analog style, Reg 0Ah. This register controls
the level and frequency for the PC BEEP. The beep frequency is the result of dividing the 48 KHz
clock by 2 times the number specified in F[7:0] +2, allowing tones from 94Hz to 12KHz. A value of
00h written to bits F[7:0] disables the digital PC Beep generation and enables the analog style PC
BEEP . The volume control bits, PV[3:0] operate identically to the analog PC BEEP mode. Applying a
signal to the PC BEEP pin, pin 12, may cause the digital PC BEEP signal to become distorted or
inaudible. When using the digital PC BEEP feature, it is recommended to leave the PC BEEP input
pin unconnected or connected to analog ground through a capacitor. Connecting a capacitor from
the PC BEEP input pin to ground will create a more pleasing sound by changing the digital output to
a more sinusoidal signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com