Electronic Components Datasheet Search
  English  ▼

X  

STAC9752A Datasheet(PDF) 92 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 92 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 88Page - Integrated Device Technology STAC9752A Datasheet HTML 89Page - Integrated Device Technology STAC9752A Datasheet HTML 90Page - Integrated Device Technology STAC9752A Datasheet HTML 91Page - Integrated Device Technology STAC9752A Datasheet HTML 92Page - Integrated Device Technology STAC9752A Datasheet HTML 93Page - Integrated Device Technology STAC9752A Datasheet HTML 94Page - Integrated Device Technology STAC9752A Datasheet HTML 95Page - Integrated Device Technology STAC9752A Datasheet HTML 96Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
92
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
11.3. Pin Description for the 32-pad QFN Package
Figure 25. STAC9752A/9753A 32 pad QFN Pin Description Drawing
Pin 32: To Disable SPDIF, use an 1K
Ω -10KΩ external pullup resistor.
Pin 11: The CD_GND signal is an AC signal return for the two CD input channels. It is normally
biased at about 2.5V. The name of the pin in the AC’97 specification is CD_GND, and this has con-
fused many designers. It should not have any DC path to GND. Connecting the CD_GND signal
directly to ground will change the internal bias of the entire CODEC, and cause significant distortion.
If there is no analog CD input, then this pin can be No-Connect.
32 pad QFN
28
HP_R
27
HP_L
26
AVDD2
25
MONO_OUT
29
AVSS
30
GPIO3
31
32
SPDIF-OUT
EAPD/GPIO4
13 MIC 1
14 MIC 2
15 LINE_IN_L
16 LINE_IN_R
12 CD_R
11 CD_GND
10
9 PHONE
CD_L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com