Electronic Components Datasheet Search
  English  ▼

X  

STAC9752A Datasheet(PDF) 37 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 37 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 33Page - Integrated Device Technology STAC9752A Datasheet HTML 34Page - Integrated Device Technology STAC9752A Datasheet HTML 35Page - Integrated Device Technology STAC9752A Datasheet HTML 36Page - Integrated Device Technology STAC9752A Datasheet HTML 37Page - Integrated Device Technology STAC9752A Datasheet HTML 38Page - Integrated Device Technology STAC9752A Datasheet HTML 39Page - Integrated Device Technology STAC9752A Datasheet HTML 40Page - Integrated Device Technology STAC9752A Datasheet HTML 41Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
37
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
Within slot 0 the first bit is a global bit (SDATA_OUT slot 0, bit 15) which flags the validity for the
entire audio frame. If the “Valid Frame” bit is a 1, this indicates that the current audio frame contains
at least one time slot of valid data. The next 12 bit positions sampled by AC‘97 indicate which of the
corresponding 12 time slots contain valid data. In this way data streams of differing sample rates can
be transmitted across AC-Link at its fixed 48 KHz audio frame rate.
The two LSBs of Slot 0 transmit the CODEC ID used to distinguish Primary and Secondary CODEC
register access.
5.3.2.
Slot 1: Command Address Port
The command port is used to control features, and monitor status (see AC-Link input frame Slots 1
and 2) for AC‘97 CODEC functions including, but not limited to, mixer settings, and power manage-
ment (refer to the control register section of this specification).
The control interface architecture supports up to 64 16-bit read/write registers, addressable on even
byte boundaries. Only the even registers (00h, 02h, etc.) are currently defined, odd register (01h,
03h, etc.) accesses are reserved for future expansion.
Note that shadowing of the control register file on the AC‘97 Controller is an option left open to the
implementation of the AC‘97 Controller. The AC‘97 CODEC’s control register file is nonetheless
required to be readable as well as writeable to provide more robust testability.
AC-Link output frame slot 1 communicates control register address, and write/read command infor-
mation to the STAC9752A/9753A.
The first bit (MSB) sampled by AC‘97 indicates whether the current control transaction is a read or a
write operation. The following 7 bit positions communicate the targeted control register address. The
trailing 12 bit positions within the slot are reserved and must be stuffed with 0s by the AC‘97 Control-
ler.
5.3.3.
Slot 2: Command Data Port
The command data port is used to deliver 16-bit control register write data in the event that the cur-
rent command port operation is a write cycle. (as indicated by Slot 1, bit 19)
•
Bit(19:4) Control Register Write Data (Stuffed with 0s if current operation is a read)
•
Bit(3:0)
Reserved
(Stuffed with 0s)
If the current command port operation is a read then the entire slot time must be stuffed with 0s by
the AC‘97 Controller.
Table 8. Command Address Port Bit Assignments
Bit
Description
Comments
19
Read/Write command
1 = read, 0 = write
18:12
Control Register Index
sixty-four 16-bit locations, addressed on even byte boundaries
11:0
Reserved
Stuffed with 0s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com