Electronic Components Datasheet Search
  English  ▼

X  

STAC9752A Datasheet(PDF) 77 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 77 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 73Page - Integrated Device Technology STAC9752A Datasheet HTML 74Page - Integrated Device Technology STAC9752A Datasheet HTML 75Page - Integrated Device Technology STAC9752A Datasheet HTML 76Page - Integrated Device Technology STAC9752A Datasheet HTML 77Page - Integrated Device Technology STAC9752A Datasheet HTML 78Page - Integrated Device Technology STAC9752A Datasheet HTML 79Page - Integrated Device Technology STAC9752A Datasheet HTML 80Page - Integrated Device Technology STAC9752A Datasheet HTML 81Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
77
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
7.4.6.
Digital Audio Control (6Ah, Page 00h)
To access Register 6Ah, Page 00h must be selected in Register 24h.
4
1
IV
Information Valid Bit: Indicates whether a sensing method is provided by the
CODEC and if information field is valid. This field is updated by the CODEC.
0h--After CODEC RESET# de-assertion, it indicates the CODEC does NOT
provides sensing logic and this bit will be Read Only. After a sense cycle is
completed indicates that no information is provided on the sensing method.
1h--After CODEC RESET# de-assertion, it indicates the CODEC provides
sensing logic for this I/O and this bit is Read/Write. After clearing this bit by
writing1, when a sense cycle is completed the assertion of this bit indicates that
there is valid information in the remaining descriptor bits. Writing 0 to this bit has
no effect.
BIOS should NOT write this bit, as it is reset on RESET#.
3-1
0
Reserved
Bit not used, should read back 0
0
NA
FIP
Function Information Present
This bit is set to a 1 indicates that the G[4:0], INV, DL[4:0](Register 68h, Page
01h) and ST[2:0](register 6Ah, Page 01h) are supported and R/W capable.
This bit is Read Only.
Table 23. Reg 68h Default Values
Reg 66h Function Code
Reg 68h Default Value
00h Line Out
0010h
01h Headphone Out
0010h
05h Mic1
0010h
06h Mic2
0010h
All other Function Codes
0000h
For RESET#: Reg 68h default value is 0000h.
Table 24. Gain or Attenuation Examples
G[4:0]
Gain or Attenuation (dB relative to level-out)
00000
0 dBV
00001
+1.5 dBV
01111
+24 dBV
10001
-1.5 dBV
11111
-24 dBV
Table 25. Register 68h/Page 01h Bit Overview
Bit
Bit R/W Overview
D5:D15
Read/Write and only reset on POR (Power on Reset) and not by RESET#.
D4
Read/Write and should NOT be set by the BIOS
D3:1
Reserved
D0
Read Only.
Bit(s) Reset Value
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com