Electronic Components Datasheet Search
  English  ▼

X  

STAC9752A Datasheet(PDF) 81 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 81 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 77Page - Integrated Device Technology STAC9752A Datasheet HTML 78Page - Integrated Device Technology STAC9752A Datasheet HTML 79Page - Integrated Device Technology STAC9752A Datasheet HTML 80Page - Integrated Device Technology STAC9752A Datasheet HTML 81Page - Integrated Device Technology STAC9752A Datasheet HTML 82Page - Integrated Device Technology STAC9752A Datasheet HTML 83Page - Integrated Device Technology STAC9752A Datasheet HTML 84Page - Integrated Device Technology STAC9752A Datasheet HTML 85Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
81
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
7.4.10.
Analog Current Adjust (72h)
To unlock Register 72h, write 0xABBA to Register 70h.
Default: 0000h
5:4
0
ADCSLT1:0
Select slots for ADC data on ACLINK
00 = left slot 3, right slot 4
01 = left slot 7, right slot 8
10 = left slot 6, right slot 9
11 = left slot 10, right slot 11
3
0
Reserved
Reserved
2
0
MIC GAIN VAL
Adds +10dB gain to the selected MIC input. Use in conjunction with
BOOSTEN (Reg. 0Eh;D6)
BOOSTEN MICGAINVAL
0
0
=
0 dB
0
1
= 10 dB
1
0
= 20 dB
1
1
= 30 dB
1
0
SPLYOVR_EN
Supply Override bit allows override of the supply detect.
0 = no override on supply detect
1 = override supply detect with bit 0
0
0
SPLYOVR_VA
L
Supply Override Value provides the analog voltage operation values.
0 = force 3.3 V operation
1 = force 5 V operation
D15
D14
D13
D12
D11
D10
D9
D8
Reserved
D7
D6
D5
D4
D3
D2
D1
D0
INT APOP
Reserved
Bit(s) Reset Value
Name
Description
15:8
0
Reserved
Reserved
7
0
INT_APOP
0 = Anti Pop Enabled
1 = Anti Pop Disabled
The STAC9752A/9753A includes an internal power supply anti-pop circuit that
prevents audible clicks and pops from being heard when the CODEC is powered
on and off. This function is accomplished by delaying the charge/discharge of the
VREF capacitor (Pin 27). CVREF value of 1 µF will cause a turn-on delay of
roughly 3 seconds, which will allow the power supplies to stabilize before the
CODEC outputs are enabled. The delay will be extended to 30 seconds if a value
of CVREF value of 10 µF is used. The CODEC outputs are also kept stable for the
same amount of time at power-off to allow the system to be gracefully turned off.
The INT_APOP bit allows this delay circuit to be bypassed for rapid production
testing. Any external component anti-pop circuit is unaffected by the internal
circuit.
6:0
0
Reserved
Reserved
Bit(s) Reset Value
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com