Electronic Components Datasheet Search
  English  ▼

X  

STAC9752A Datasheet(PDF) 75 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 75 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 71Page - Integrated Device Technology STAC9752A Datasheet HTML 72Page - Integrated Device Technology STAC9752A Datasheet HTML 73Page - Integrated Device Technology STAC9752A Datasheet HTML 74Page - Integrated Device Technology STAC9752A Datasheet HTML 75Page - Integrated Device Technology STAC9752A Datasheet HTML 76Page - Integrated Device Technology STAC9752A Datasheet HTML 77Page - Integrated Device Technology STAC9752A Datasheet HTML 78Page - Integrated Device Technology STAC9752A Datasheet HTML 79Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
75
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
Note: This register does not reset on RESET#.
7.4.5.
Function Information (68h Page 01h)
Register 24h must be set to Page 01h to access this register.
Bit(s) Reset Value
Name
Description
15-5
Reserved Reserved
4-1
00h
FC3:FC0
Function Code bits:
00h - Line Out (Master Out)
01h - Head Phone Out (AUX Out)
Setting the T/R bit to 0 = Left, 1 = Right
02h - DAC 3 (C/LFE) - Not Supported
03h - SPDIF out
04h - Phone In
05h - Mic1 (Mic select = 0)
06h - Mic2 (Mic select = 1)
07h - Line In
08h - CD In
09h - Video In
0Ah - Aux In
0Bh - Mono Out
0C-0Fh - Reserved
For supported Jack and Mic Sense Functions, see Table22: page75.
The Function Code Bits are used to read Register 68h (Page 01h) and Register
6Ah (Page 01h).
Mono I/O should report relevant sense and function information on Tip, and report
not supported on Ring.
Setting the function code to unsupported values will return a 0 when accessing the
Information Valid Bit in page 01 register 68h bit 5.
0
0
T/R
Tip or Ring selection Bit.This bit sets which jack conductor the sense value is
measured from. Software will program the corresponding the Ring/Tip selector bit
together with the I/O number in bits FC[3:0].
0 - Tip (Left)
1 - Ring (Right)
Table 22. Supported Jack and Mic Sense Functions
Function Code
I/O
Sense Capability
00h
Line_Out
Jack Sense
01h
Headphone_Out
Jack Sense
05h
Mic1
Mic Sense
06h
Mic2
Mic Sense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com