Electronic Components Datasheet Search
  English  ▼

X  

STAC9752A Datasheet(PDF) 47 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 47 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 43Page - Integrated Device Technology STAC9752A Datasheet HTML 44Page - Integrated Device Technology STAC9752A Datasheet HTML 45Page - Integrated Device Technology STAC9752A Datasheet HTML 46Page - Integrated Device Technology STAC9752A Datasheet HTML 47Page - Integrated Device Technology STAC9752A Datasheet HTML 48Page - Integrated Device Technology STAC9752A Datasheet HTML 49Page - Integrated Device Technology STAC9752A Datasheet HTML 50Page - Integrated Device Technology STAC9752A Datasheet HTML 51Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
47
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
6.1.1.
Mixer Functional Diagrams
Figure 21. STAC9752A/9753A 2-Channel Mixer Functional Diagram
6.1.2.
Mixer Analog Input
The mixer provides recording and playback of any audio sources or output mix of all sources. The
STAC9752A/9753A supports the following input sources:
•
Any mono or stereo source
•
Mono or stereo mix of all sources
•
Two-channel input w/mono output reference (mic or stereo mix)
Note: All unused inputs should be tied together and connected to ground through a capacitor (0.1
µF
suggested).
Note: The MIC inputs should be tied to ground through a separate capacitor (0.1
µF suggested).
6.1.3.
Mixer Analog Output
The mixer generates three distinct outputs:
•
A stereo mix of all sources for output to the LINE_OUT
•
A stereo mix of all sources for output to HP_OUT
•
A mono, mic only or mix of all sources for MONO_OUT
0Ah
0Ch
0Eh
10h
12h
16h
PC_BEEP
CD
AUX
6Eh:D12
Analog
Audio
Input
Sources
PCMIn
20h:D13
22h:D2-D3
20h:D9,D15
MONO_OUT
Slots 6Eh : D4-5
3&4, 7&8, 6&9, 10&11
vol
06h
mute
37
Slot
Select
AC Link
SDATA_OUT
STEREO
ADC
18,20
14,15
12
13
20h:D13
22h:D2-D3
+0 dB
PHONE
30 dB
Σ
vol
mute
vol
mute
Σ
mute
vol
vol
vol
mute
mute
vol
mute
3D
MUX
vol
mute
Digital PCBeep
39/41
35/36
PINS 39/41
traditionally
HP_OUT
PINS 35/36
traditionally
LINE_OUT
HP
LO
23/24
PINS 23/24
traditionally Line In L/R
PINS 21/22
traditionally
Mic
1/2
18h
vol
mute
vol
mute
02h
vol
mute
14h
Mic Mux
Line In Mux
28h:D5-D4
Slot
Select
DAC 1
(FRONT)
3D
0Eh:D6 &
6Eh:D2
Left Ch.
Mic
Right Ch.
Mic
L
R
L
L
R
R
1Ch
vol
mute
+22 dB
-6dB
Σ
78h D7 &
20h D8
16,17
VIDEO
04h
-6dB
Σ
-6dB
Σ
-6dB
Σ
-6dB
-6dB
78h
D13:D12
78h
D15:D14
78h
D11:D10
78h
D9:D8
78h D4 &
20h D15
78h D3 &
20h D15
Ifbothareselected,
HPwillbeonand
LineOutisOff
2Ah:D5-D4
Slot
Select
48
SPDIF_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com