Electronic Components Datasheet Search
  English  ▼

X  

STAC9752A Datasheet(PDF) 95 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 95 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 91Page - Integrated Device Technology STAC9752A Datasheet HTML 92Page - Integrated Device Technology STAC9752A Datasheet HTML 93Page - Integrated Device Technology STAC9752A Datasheet HTML 94Page - Integrated Device Technology STAC9752A Datasheet HTML 95Page - Integrated Device Technology STAC9752A Datasheet HTML 96Page - Integrated Device Technology STAC9752A Datasheet HTML 97Page - Integrated Device Technology STAC9752A Datasheet HTML 98Page - Integrated Device Technology STAC9752A Datasheet HTML 99Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
95
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
1.
^ any unused input pins should be tied together and connected through a capacitor (0.1 µF sug-
gested) to ground, except the MIC inputs which should have their own capacitor to ground if not
used.
2.
* Universal Jack™ capable. Only pins 35/36 OR 39/41 may be used to drive headphones. It is
not possible to drive 2 sets of headphones at the same time.
3.
The CD_GND signal is an AC signal return for the two CD input channels. It is normally biased
at about 2.5V. The name of the pin in the AC’97 specification is CD_GND, and this has confused
many designers. It should not have any DC path to GND. Connecting the CD_GND signal
directly to ground will change the internal bias of the entire CODEC, and cause significant distor-
tion. If there is no analog CD input, then this pin can be No-Connect.
11.7. STAC9752A/9753A Filter/References
These signals are connected to resistors, capacitors, or specific voltages.
MONO_OUT
37
25
O
To telephony subsystem speakerphone
N/A
HP_OUT_L*
39
27
O*
Headphone Out Left Channel
N/A
HP_OUT_R
41
28
O*
Headphone Out Right Channel
N/A
Table 37. STAC9752A/9753A Filtering and Voltage References
Signal Name
48 LQFP
Pin #
32 QFN
Pin #
Type
Description
Internal Pull-up
/Pull-down
VREF IN
27
18
O
Analog ground
N/A
VREFOUT
28
19
O
Reference Voltage out 5mA drive
N/A
AFILT0
29
20
O
Anti-Aliasign FIlter Cap - ADC Right Channel
N/A
AFILT1
30
21
O
Anti-Aliasign FIlter Cap - ADC Left Channel
N/A
CAP2
32
20
O
ADC reference Cap
N/A
Table 36. STAC9752A/9753A Analog Connection Signals (Continued)
Pin Name
48 LQFP
Pin #
32 QFN
Pin #
Type
Description
Internal Pull-up
/Pull-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com