Electronic Components Datasheet Search
  English  ▼

X  

STAC9752A Datasheet(PDF) 94 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 94 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 90Page - Integrated Device Technology STAC9752A Datasheet HTML 91Page - Integrated Device Technology STAC9752A Datasheet HTML 92Page - Integrated Device Technology STAC9752A Datasheet HTML 93Page - Integrated Device Technology STAC9752A Datasheet HTML 94Page - Integrated Device Technology STAC9752A Datasheet HTML 95Page - Integrated Device Technology STAC9752A Datasheet HTML 96Page - Integrated Device Technology STAC9752A Datasheet HTML 97Page - Integrated Device Technology STAC9752A Datasheet HTML 98Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
94
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
11.6. STAC9752A/9753A Analog I/O
These signals connect the STAC9752A/9753A to analog sources and sinks, including microphones
and speakers.
BIT_CLK
6
3
I/O
AC-Link Bit Clock
Pull-down 50K +/- 25%
SDATA_IN
8
5
O
AC-Link Serial Data input,
(outbound stream)
N/A
SYNC
10
7
I
AC-Link Frame Sync
N/A
RESET#
11
8
I
AC-Link Reset
N/A
GPIO0
43
-
I/O
General Purpose I/O
Pull-up 50K +/- 25%
GPIO1
44
30
I/O
General Purpose I/O
Pull-up 50K +/- 25%
CID0
45
-
Chip ID Select0
Pull-up 50K +/- 25%
CID1
46
-
Chip ID Select1
Pull-up 50K +/- 25%
EAPD/GPIO
47
31
I/O
External Amplifier Power Down
General Purpose I/O
Pull-down 50K +/- 25%
SPDIF-OUT
48
32
O
SPDIF digital output
Pull-down 50K +/- 25%
Table 36. STAC9752A/9753A Analog Connection Signals
Pin Name
48 LQFP
Pin #
32 QFN
Pin #
Type
Description
Internal Pull-up
/Pull-down
PHONE
13
9
I^
Phone Input
N/A
AUX_L
14
-
I^
Aux Left Channel
N/A
AUX_R
15
-
I^
Aux Right Channel
N/A
VIDEO_L
16
-
I^
Video Audio Left Channel
N/A
VIDEO_R
17
-
I^
Video Audio Right Channel
N/A
CD_L
18
10
I^
CD Audio Left Channel
N/A
CD_GND
19
11
I^
CD Audio analog Return (see note 3)
N/A
CD_R
20
12
I^
CD Audio Right Channel
N/A
MIC1_L*
21
13
I^
Desktop Microphone Input
N/A
MIC1_R*
22
14
I^
Second Microphone Input
N/A
LINE_IN_L*
23
15
I*
Line In Left Channel
N/A
LINE_IN_R*
24
16
I*
Line In Right Channel
N/A
LINE_OUT_L*
35
23
O*
Line Out Left Channel
(with headphone support)
N/A
LINE_OUT_R*
36
24
O*
Line Out Right Channel
(with headphone support)
N/A
Table 35. STAC9752A/9753A Digital Connection Signals
Pin Name
48 LQFP
Pin #
32 QFN
Pin #
Type
Description
Internal Pull-up
/Pull-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com