Electronic Components Datasheet Search
  English  ▼

X  

STAC9752A Datasheet(PDF) 61 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 61 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 57Page - Integrated Device Technology STAC9752A Datasheet HTML 58Page - Integrated Device Technology STAC9752A Datasheet HTML 59Page - Integrated Device Technology STAC9752A Datasheet HTML 60Page - Integrated Device Technology STAC9752A Datasheet HTML 61Page - Integrated Device Technology STAC9752A Datasheet HTML 62Page - Integrated Device Technology STAC9752A Datasheet HTML 63Page - Integrated Device Technology STAC9752A Datasheet HTML 64Page - Integrated Device Technology STAC9752A Datasheet HTML 65Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
61
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
7.1.17.
Audio Interrupt and Paging (24h)
Default: 0000h
D15
D14
D13
D12
D11
D10
D9
D8
I4
I3
I2
I1
I0
Reserved
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
PG3
PG2
PG1
PG0
Bit(s) Reset Value
Access
Name
Description
15
0
Read / Write
I4
0 = Interrupt is clear
1 = interrupt is set
Interrupt event is cleared by writing a 1 to this bit.
The interrupt bit will change regardless of condition of interrupt
enable (I0) status. An interrupt in the GPI in slot 12 in the ACLink
will follow this bit change when interrupt enable (I0) is unmasked.
14-13
0
Read Only
I3-I2
Interrupt Cause
00 = Reserved
01 = Sense Cycle Complete, sense info available.
10 = Change in GPIO input status
11 = Sense Cycle Complete and Change in GPIO input status.
These bits will reflect the general cause of the first interrupt event
generated. It should be read after interrupt status has been
confirmed as interrupting. The information should be used to scan
possible interrupting events in proper pages.
12
0
Read / Write
I1
Sense Cycle
0 = Sense Cycle not in Progress
1 = Sense Cycle Start.
Writing a 1 to this bit causes a sense cycle start if supported. If
sense cycle is not supported this bit is read only.
11
0
Read / Write
I0
Interrupt Enable
0 = Interrupt generation is masked.
1 = Interrupt generation is un-masked.
The driver should not un-mask the interrupt unless ensured by the
AC‘97 controller that no conflict is possible with modem slot 12 -
GPI functionality. Some AC’97 2.2 compliant controllers will not
likely support audio CODEC interrupt infrastructure. In either case,
Software should poll the interrupt status after initiating a sense
cycle and wait for Sense Cycle Max Delay to determine if an
interrupting event has occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com