Electronic Components Datasheet Search
  English  ▼

X  

STAC9752A Datasheet(PDF) 97 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 97 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 93Page - Integrated Device Technology STAC9752A Datasheet HTML 94Page - Integrated Device Technology STAC9752A Datasheet HTML 95Page - Integrated Device Technology STAC9752A Datasheet HTML 96Page - Integrated Device Technology STAC9752A Datasheet HTML 97Page - Integrated Device Technology STAC9752A Datasheet HTML 98Page - Integrated Device Technology STAC9752A Datasheet HTML 99Page - Integrated Device Technology STAC9752A Datasheet HTML 100Page - Integrated Device Technology STAC9752A Datasheet HTML 101Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
97
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
12. ORDERING INFORMATION
Ordering Information
Note: the yy is the revision. Comtact sales for currnet orderable information.
Add an “R” to thye end fo rtape and reel delivery. MOQ is 2Ku for 48pin QFP and 2.5ku for 32pin
QFN.
Part Number
Package
Temp Range
Supply Range
STAC9752AXTAEyyX
48-pin RoHS QFP 7mm x 7mm x 1.4mm
0° C to +70° C
DVdd = 3.3V, AVdd = 5.0V
STAC9753AXTAEyyX
48-pin RoHS QFP 7mm x 7mm x 1.4mm
0° C to +70° C
DVdd = 3.3V, AVdd = 3.3V
STAC9752AXNAEyyX
32-pin RoHS QFN 5mm x 5mm x 0.9mm
0° C to +70° C
DVdd = 3.3V, AVdd = 5.0V
STAC9753AXNAEyyX
32-pin RoHS QFN 5mm x 5mm x 0.9mm
0° C to +70° C
DVdd = 3.3V, AVdd = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com