Electronic Components Datasheet Search
  English  ▼

X  

STAC9752A Datasheet(PDF) 76 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 76 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 72Page - Integrated Device Technology STAC9752A Datasheet HTML 73Page - Integrated Device Technology STAC9752A Datasheet HTML 74Page - Integrated Device Technology STAC9752A Datasheet HTML 75Page - Integrated Device Technology STAC9752A Datasheet HTML 76Page - Integrated Device Technology STAC9752A Datasheet HTML 77Page - Integrated Device Technology STAC9752A Datasheet HTML 78Page - Integrated Device Technology STAC9752A Datasheet HTML 79Page - Integrated Device Technology STAC9752A Datasheet HTML 80Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
76
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
Default: 00xxh, see table 23: page77.
D15
D14
D13
D12
D11
D10
D9
D8
G4
G3
G2
G1
G0
INV
DL4
DL3
D7
D6
D5
D4
D3
D2
D1
D0
DL2
DL1
DL0
IV
Reserved
FIP
Bit(s) Reset Value
Name
Description
15
0
G4
Gain Sign Bit: The CODEC updates this bit with the sign of the gain value
present in G[3:0]. The BIOS updates this to take into consideration external
amplifiers or other external logic when relevant.
G[4] indicates whether the value is a gain or attenuation.
Gain in the G4 bit is in terms of dB.
This bit is Read/Write and only reset on POR and not by RESET#.
14-11
0
G3:G0
Gain Bits: The CODEC updates these bits with the gain value (dB relative to
level-out) in 1.5dBV increments. The BIOS updates these to take into
consideration external amplifiers or other external logic when relevant.
G[0:3] indicates the magnitude of the gain. G[4] indicates whether the value is a
gain or attenuation.
For Gain/Attenuation settings, see Table 24: page77.
These bits are read/write and are not reset on RESET#.
10
INV
Inversion bit: Indicates that the CODEC presents a 180 degree phase shift to the
signal.
0h - No inversion reported
1h - Inverted
This bit is read/write and is not reset on RESET#.
BIOS should invert for each inverting gain stage.
9-5
DL4:DL0
Buffer delays: CODEC will provide number a delay measurement for the input
and output channels. Software will use this value to accurately calculate audio
stream position with respect to what is been reproduced or recorded. These
values are in 20.83
µsec (1/48000 second) units.
For output channels, this timing is from the end of AC Link frame in which the
sample is provided, until the time the analog signal appears at the output pin. For
input streams, this is from when the analog signal is presented at the pin until the
representative sample is provided on the AC Link.
Analog in and out paths are not considered as part of this delay.
The measurement is a 'typical' measurement, at a 48KHz sample rate, with
minimal in-CODEC processing (i.e., 3D effects are turned off.)
00h - Information not provided
01h…1Eh - Buffer delay in 20.83
µsec units
1Fh - reserved
These bits are read/write and are not reset on RESET#.
The default value is the delay internal to the CODEC. The BIOS may add to this
value the known delays external to the CODEC, such as for an external
amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com