Electronic Components Datasheet Search
  English  ▼

X  

STAC9752A Datasheet(PDF) 64 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 64 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 60Page - Integrated Device Technology STAC9752A Datasheet HTML 61Page - Integrated Device Technology STAC9752A Datasheet HTML 62Page - Integrated Device Technology STAC9752A Datasheet HTML 63Page - Integrated Device Technology STAC9752A Datasheet HTML 64Page - Integrated Device Technology STAC9752A Datasheet HTML 65Page - Integrated Device Technology STAC9752A Datasheet HTML 66Page - Integrated Device Technology STAC9752A Datasheet HTML 67Page - Integrated Device Technology STAC9752A Datasheet HTML 68Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
64
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
one of three secondary CODECs. The AMAP bit, D9, will return a 1 indicating that the CODEC sup-
ports the optional “AC’97 2.3 Compliant AC-Link Slot to Audio DAC Mappings”. The default condition
assumes that 00 is loaded in the DSA0 and DSA1 bits of the Extended Audio ID (Index 28h). With 00
in the DSA1 and DSA0 bits, the CODEC slot assignments are as per the AC’97 specification recom-
mendations. If the DSA1 and DSA0 bits do not contain 00, the slot assignments are as per the table
in the section describing the Extended Audio ID (Index 28h). The VRA bit, D0, will return a 1 indicat-
ing that the CODEC supports the optional variable sample rate conversion as defined by the AC’97
specification.
Note: 1) External CID pin status (from analog), these bits are the logical inversion of the pin polarity (pin
45-46). These bits are zero if XTAL_OUT is grounded with an alternate external clock source (in
primary mode only). Secondary mode can either be through BIT CLK driven or 24MHz clock driver,
with XTAL_OUT floating.
Note: 2) If pin 48 is held high at powerup, this bit will be held to zero, to indicate the SPDIF is not available.
To disable SPDIF, use an 1K
Ω - 10KΩ external pullup resistor.
7.1.20.
Extended Audio Control/Status (2Ah)
Default: 0400h* (*default depends on CODEC ID)
Table 19. Extended Audio ID Register Functions
Bit
Name
Access
Reset Value
Function
15:14
ID [1,0]
Read only
variable
00 = XTAL_OUT grounded (Note Note:)
CID1#,CID0# = XTAL_OUT crystal or floating
13:12
Reserved
Read only
00
Bits not used, should read back 00
11:10
REV[1:0]
Read only
10
Indicates CODEC is AC’97 Rev 2.3 compliant
9:6
RSVD
Read only
0
Reserved
5:4
DSA [1,0]
Read/Write
00
DAC slot assignment
If CID[1:0] = 00 then DSA[1:0] resets to 00
If CID[1:0] = 01 then DSA[1:0] resets to 01
If CID[1:0] = 10 then DSA[1:0] resets to 01
If CID[1:0] = 11 then DSA[1:0] resets to 10
00 = left slot 3, right slot 4
01 = left slot 7, right slot 8
10 = left slot 6, right slot 9
11 = left slot 10, right slot 11
3
RSVD
Read only
0
Reserved
2
SPDIF
Read only
1
0 = SPDIF pulled high on reset, SPDIF disabled
1 = default, SPDIF enabled (Note Note:)
1
RSVD
Read only
0
Reserved
0
VRA
Read only
1
Variable sample rates supported (Always = 1)
D15
D14
D13
D12
D11
D10
D9
D8
VCFG
Reserved
SPCV
Reserved
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
SPSA1
SPSA0
RSRVD
SPDIF
RSRVD
VRA enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com