Electronic Components Datasheet Search
  English  ▼

X  

STAC9752A Datasheet(PDF) 38 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 38 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 34Page - Integrated Device Technology STAC9752A Datasheet HTML 35Page - Integrated Device Technology STAC9752A Datasheet HTML 36Page - Integrated Device Technology STAC9752A Datasheet HTML 37Page - Integrated Device Technology STAC9752A Datasheet HTML 38Page - Integrated Device Technology STAC9752A Datasheet HTML 39Page - Integrated Device Technology STAC9752A Datasheet HTML 40Page - Integrated Device Technology STAC9752A Datasheet HTML 41Page - Integrated Device Technology STAC9752A Datasheet HTML 42Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
38
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
5.3.4.
Slot 3: PCM Playback Left Channel
AC-Link output frame slot 3 is the composite digital audio left playback stream. In a typical “Games
Compatible” PC this slot is composed of standard PCM (.wav) output samples digitally mixed (on the
AC‘97 Controller or host processor) with music synthesis output samples. If a sample stream of res-
olution less than 20-bits is transferred, the AC‘97 Controller must stuff all trailing non-valid bit posi-
tions within this time slot with 0s.
The DAC can be assigned to slots 3&4, 6&9, 7&8, or 10&11.
5.3.5.
Slot 4: PCM Playback Right Channel
AC-Link output frame slot 4 is the composite digital audio right playback stream. In a typical “Games
Compatible” PC this slot is composed of standard PCM (.wav) output samples digitally mixed (on the
AC‘97 Controller or host processor) with music synthesis output samples. If a sample stream of res-
olution less than 20-bits is transferred, the AC‘97 Controller must stuff all trailing non-valid bit posi-
tions within this time slot with 0s.
The DAC can be assigned to slots 3&4, 6&9, 7&8, or 10&11.
5.3.6.
Slot 5: NOT USED (Modem Line 1 Output Channel)
Audio output frame slot 5 is reserved for modem operation and is not used by the STAC9752A/
9753A .
5.3.7.
Slot 6 -11: DAC
The DAC can be assigned to slots 3&4, 6&9, 7&8, or 10&11.
5.3.8.
Slot 12: Audio GPIO Control Channel
AC-Link output frame slot 12 contains the audio GPIO control outputs.
5.4.
AC-Link Input Frame (SDATA_IN)
The AC-Link input frame data streams correspond to the multiplexed bundles of all digital input data
targeting the AC‘97 Controller. As is the case for an audio output frame, each AC-Link input frame
consists of twelve 20-bit time slots. Slot 0 is a special reserved time slot containing 16-bits which are
used for AC-Link protocol infrastructure.
The following diagram illustrates the time slot-based AC-Link protocol.
Figure 17. STAC9752A/9753A Audio Input Frame
A new AC-Link input frame begins with a low to high transition of SYNC. SYNC is synchronous to
the rising edge of BIT_CLK. On the immediately following falling edge of BIT_CLK, the AC‘97
CODEC samples the assertion of SYNC. This falling edge marks the time when both sides of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com