Electronic Components Datasheet Search
  English  ▼

X  

STAC9752A Datasheet(PDF) 90 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 90 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 86Page - Integrated Device Technology STAC9752A Datasheet HTML 87Page - Integrated Device Technology STAC9752A Datasheet HTML 88Page - Integrated Device Technology STAC9752A Datasheet HTML 89Page - Integrated Device Technology STAC9752A Datasheet HTML 90Page - Integrated Device Technology STAC9752A Datasheet HTML 91Page - Integrated Device Technology STAC9752A Datasheet HTML 92Page - Integrated Device Technology STAC9752A Datasheet HTML 93Page - Integrated Device Technology STAC9752A Datasheet HTML 94Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
90
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
11. STAC9752A/9753A PIN DESCRIPTION
11.1. Pin Description for the 48-pin LQFP Package
Figure 24. Pin Description Drawing
Pin 48: To Disable SPDIF, use an 1K
Ω -10KΩ external pullup resistor.
Pin 19: The CD_GND signal is an AC signal return for the two CD input channels. It is normally
biased at about 2.5V. The name of the pin in the AC’97 specification is CD_GND, and this has con-
fused many designers. It should not have any DC path to GND. Connecting the CD_GND signal
directly to ground will change the internal bias of the entire CODEC, and cause significant distortion.
If there is no analog CD input, then this pin can be No-Connect.
24 LINE_IN_R
23 LINE_IN_L
22 MIC2
21 MIC1
20 CD_R
19 CD_GND
18 CD_L
17 VIDEO_R
16 VIDEO_L
15 AUX_R
14 AUX_L
13 PHONE
MONO_OUT 37
AVdd2 38
HP_OUT_L 39
No Connect 40
HP_OUT_R 41
AVss2 42
GPIO0 43
GPIO1 44
CID0 45
CID1 46
EAPD 47
SPDIF OUT 48
48 pin LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com