Electronic Components Datasheet Search
  English  ▼

X  

STAC9752A Datasheet(PDF) 89 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 89 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 85Page - Integrated Device Technology STAC9752A Datasheet HTML 86Page - Integrated Device Technology STAC9752A Datasheet HTML 87Page - Integrated Device Technology STAC9752A Datasheet HTML 88Page - Integrated Device Technology STAC9752A Datasheet HTML 89Page - Integrated Device Technology STAC9752A Datasheet HTML 90Page - Integrated Device Technology STAC9752A Datasheet HTML 91Page - Integrated Device Technology STAC9752A Datasheet HTML 92Page - Integrated Device Technology STAC9752A Datasheet HTML 93Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
89
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
10. TESTABILITY
The STAC9752A/9753A has two test modes. One is for ATE in-circuit test and the other is restricted
for IDT’s internal use. STAC9752A/9753A enters the ATE in-circuit test mode if SDATA_OUT is
sampled high at the trailing edge of RESET#. Once in the ATE test mode, the digital AC-Link outputs
(BIT_CLK and SDATA_IN) are driven to a high impedance state. This allows ATE in-circuit testing of
the AC'97 controller. Use of the ATE test mode is the recommended means of removing the CODEC
from the AC-Link when another CODEC is to be used as the primary. This case will never occur dur-
ing standard operating conditions. Once either of the two test modes have been entered, the
STAC9752A/9753A must be issued another RESET# with all AC-Link signals held low to return to
the normal operating mode.
10.1. ATE Test Mode
ATE test mode allows for in-circuit testing to be completed at board level. For this to work, the out-
puts of the device must be driven to a high impedance state (Z). Internal pullups for digital I/O pins
must be disabled in this mode. This mode initiates on the rising edge of RESET# pin. Only a cold
reset will exit the ATE Test Mode.
Table 32. ATE Test Mode Operation
Note: Pins 31, 33, and 34 are NO CONNECTS.
Table 31. Test Mode Activation
SYNC
SDATA_OUT
Description
0
0
Normal AC '97 operation
0
1
ATE Test Mode
1
0
IDT Internal Test Mode
1
1
Reserved
Pin Name
Pin #
Function
Description
SDATA_OUT
5
1
Must be held high at the rising edge of RESET#
BIT_CLK
6
Z
SDATA_IN
8
Z
SYNC
10
0
Must be held low at rising edge of RESET#
RESET#
11
1
N.C.
31
Z
Always an input
N.C.
33
Z
Always an input
N.C.
34
Z
Always an input
GPIO0
43
Z
GPIO1
44
Z
CID0
45
Z
CID1
46
Z
EAPD
47
Z
SPDIF
48
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com