Electronic Components Datasheet Search
  English  ▼

X  

STAC9752A Datasheet(PDF) 45 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 45 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 41Page - Integrated Device Technology STAC9752A Datasheet HTML 42Page - Integrated Device Technology STAC9752A Datasheet HTML 43Page - Integrated Device Technology STAC9752A Datasheet HTML 44Page - Integrated Device Technology STAC9752A Datasheet HTML 45Page - Integrated Device Technology STAC9752A Datasheet HTML 46Page - Integrated Device Technology STAC9752A Datasheet HTML 47Page - Integrated Device Technology STAC9752A Datasheet HTML 48Page - Integrated Device Technology STAC9752A Datasheet HTML 49Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
45
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
The AC-Link input slots dedicated to audio are defined as follows:
Note: The ADC can be assigned to slots 3&4, 6&9, 7&8, or 10&11.
Table 15. AC-Link Input Slots Dedicated To Audio
Slot
Name
Description
3
PCM L ADC record
20-bit PCM data from left input
4
PCM R ADC record
20-bit PCM data from right inputs
6
Dedicated Microphone ADC
20-bit PCM data from optional 3rd ADC input
7
Vendor reserved
Vendor specific (enhanced input for docking, array mic, etc.)
8
Vendor reserved
Vendor specific (enhanced input for docking, array mic, etc.)
9
Vendor reserved
Vendor specific (enhanced input for docking, array mic, etc.)
12
Audio Interrupt
Provides optional interrupt capability for Audio CODEC (not usable
when a modem is present)
Table 16. Audio Interrupt Slot Definitions
Bit
Description
19-1
Reserved (Audio CODEC will return zeros in bits 19-1)
0
Optional: Assertion = 1 will cause interrupt to be propagated to Audio controller system interrupt. See
register 24h definition for enabling mechanism.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com