Electronic Components Datasheet Search
  English  ▼

X  

STAC9752A Datasheet(PDF) 35 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 35 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 31Page - Integrated Device Technology STAC9752A Datasheet HTML 32Page - Integrated Device Technology STAC9752A Datasheet HTML 33Page - Integrated Device Technology STAC9752A Datasheet HTML 34Page - Integrated Device Technology STAC9752A Datasheet HTML 35Page - Integrated Device Technology STAC9752A Datasheet HTML 36Page - Integrated Device Technology STAC9752A Datasheet HTML 37Page - Integrated Device Technology STAC9752A Datasheet HTML 38Page - Integrated Device Technology STAC9752A Datasheet HTML 39Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
35
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
2.
Places a non-zero value (01, 10, or 11) into the CODEC ID field (Slot 0, bits 1 and 0).
3.
Transmits the desired Secondary CODEC Command Address and Command Data in Slots 1
and 2.
Secondary CODECs disregard the Command Address and Command Data (Slot 0, bits 14 and 13)
tag bits. In a sense the Secondary CODEC ID field functions as an alternative Valid Command
Address (for Secondary reads and writes) and Command Data (for Secondary writes) tag indicator.
Secondary CODECs must monitor the Frame Valid bit, and ignore the frame (regardless of the state
of the Secondary CODEC ID bits) if it is not valid. AC‘97 Digital Controllers should set the frame valid
bit for a frame with a Secondary register access, even if no other bits in the output tag slot except the
Secondary CODEC ID bits are set.
5.3.
AC-Link Output Frame (SDATA_OUT)
The AC-Link output frame data streams correspond to the multiplexed bundles of all digital output
data targeting AC‘97’s DAC inputs, and control registers. As mentioned earlier, each AC-Link output
frame supports up to twelve 20-bit outgoing data time slots. Slot 0 is a special reserved time slot
containing 16-bits which are used for AC-Link protocol infrastructure.
Figure 15 illustrates the time slot based AC-Link protocol.
Figure 15. AC-Link Audio Output Frame
A new AC-Link output frame begins with a low to high transition of SYNC. SYNC is synchronous to
the rising edge of BIT_CLK. On the immediately following falling edge of BIT_CLK, the AC‘97
CODEC samples the assertion of SYNC. This falling edge marks the time when both sides of
AC-Link are aware of the start of a new audio frame. On the next rising of BIT_CLK, the AC‘97 Con-
troller transitions SDATA_OUT into the first bit position of slot 0 (Valid Frame bit). Each new bit posi-
tion is presented to AC-Link on a rising edge of BIT_CLK, and subsequently sampled by the AC‘97
CODEC on the following falling edge of BIT_CLK. This sequence ensures that data transitions and
subsequent sample points for both incoming and outgoing data streams are time aligned.
Figure 16. Start of an Audio Output Frame
SDATA_OUT’s composite stream is MSB justified (MSB first) with all non-valid slots’ bit positions
stuffed with 0s by the AC‘97 Controller. If there are less than 20 valid bits within an assigned and
SYNC
BIT_CLK
SDATA_OUT
slot1
slot2
End of previous audio frame
slot(12)
"0"
19
Data Phase
20.8 uS (48 kHZ)
Tag Phase
12.288 MHz
Time Slot "Valid" Bits
Slot 1
Slot 2
Slot 3
Slot 12
("1" = time slot contains valid PCM data)
CID1
CID0
valid
"0"
19
19
"0"
Frame
19
"0"
"0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com