Electronic Components Datasheet Search
  English  ▼

X  

STAC9752A Datasheet(PDF) 72 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 72 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 68Page - Integrated Device Technology STAC9752A Datasheet HTML 69Page - Integrated Device Technology STAC9752A Datasheet HTML 70Page - Integrated Device Technology STAC9752A Datasheet HTML 71Page - Integrated Device Technology STAC9752A Datasheet HTML 72Page - Integrated Device Technology STAC9752A Datasheet HTML 73Page - Integrated Device Technology STAC9752A Datasheet HTML 74Page - Integrated Device Technology STAC9752A Datasheet HTML 75Page - Integrated Device Technology STAC9752A Datasheet HTML 76Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
72
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
7.3.
Extended CODEC Registers Page Structure Definition
Registers 60h-68h are the Extended CODEC Registers: These registers allow for the definition of
further capabilities. These bits provide a paged address space for extended CODEC information.
The Page Selector bits in the Audio Interrupt and Paging register (Register 24h bits 3:0) control the
page of information viewed through this page window.
7.3.1.
Extended Registers Page 00
Page 00 of the Extended CODEC Registers is reserved for vendor specific use. Driver writers should
not access these registers unless the Vendor ID register has been checked first to ensure that the
vendor of the AC '97 component has been identified and the usage of the vendor defined registers
understood.
7.3.2.
Extended Registers Page 01
The usage of Page 01 of the Extended CODEC Registers is defined in Register 24h found in
Section7.1.17: page61.
7.3.3.
Extended Registers Page 02, 03
Pages 02 and 03 of the Extended CODEC Registers are reserved for future use.
7.4.
STAC9752A/9753A Paging Registers
The AC’97 Specification Rev 2.3 uses a paging mechanism in order to increase the number of regis-
ters. The registers currently used in the paging are 60h to 6Eh. Additional information about the
Extended CODEC Registers, please refer to Section 7.3: page72.
One of two pages can be made active at any time, set in Register 24h. Register 24h is the Audio
Interrupt and Paging Register. Additional details about Register 24h is located in Section 7.1.17:
page61.
If page 00h is active, registers 60h to 6Eh are Vendor Specific.
If page 01h is active, registers 60h to 6Eh have the following functionality:
Reg
NAME
FUNCTION
Location
60h CODECClass/Revision
Provides the CODEC Class and a Vendor specified revision
identifier.
7.4.1: page73
62h
PCI SVID
Allows for population by the system BIOS to identify the PCI Sub
System Vendor ID.
7.4.2: page73
64h
PCI SSID
Allows for population by the system BIOS to identify the PCI Sub
System ID.
Note:: page74
66h
Function Select
Provides the type of audio function being selected and which jack
conductor the selected value is measured from.
Note:: page74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com