Electronic Components Datasheet Search
  English  ▼

X  

STAC9752A Datasheet(PDF) 84 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 84 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 80Page - Integrated Device Technology STAC9752A Datasheet HTML 81Page - Integrated Device Technology STAC9752A Datasheet HTML 82Page - Integrated Device Technology STAC9752A Datasheet HTML 83Page - Integrated Device Technology STAC9752A Datasheet HTML 84Page - Integrated Device Technology STAC9752A Datasheet HTML 85Page - Integrated Device Technology STAC9752A Datasheet HTML 86Page - Integrated Device Technology STAC9752A Datasheet HTML 87Page - Integrated Device Technology STAC9752A Datasheet HTML 88Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
84
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
7.5.
Vendor ID1 and ID2 (Index 7Ch and 7Eh)
These two registers contain four 8-bit ID codes. The first three codes have been assigned by
Microsoft using their Plug and Play Vendor ID methodology. The fourth code is a IDT assigned code
identifying the STAC9752A/9753A. The ID1 register (index 7Ch) contains the value 8384h, which is
the first (83h) and second (84h) bytes of the Microsoft ID code. The ID2 register (index 7Eh) contains
the value 7652h, which is the third (76h) byte of the Microsoft ID code, and 52h which is the
STAC9752A/9753A ID code.
7.5.1.
Vendor ID1 (7Ch)
Default: 8384h
7.5.2.
Vendor ID2 (7Eh)
Default: 7652h
1
0
Reserved
Reserved
0
0
ADC HPF BYP
0 = Normal operation, (ADC High Pass Filter active)
1 = ADC High Pass Filter Bypass
D15
D14
D13
D12
D11
D10
D9
D8
1
0
0
0
0
0
1
1
D7
D6
D5
D4
D3
D2
D1
D0
1
0
0
0
0
1
0
0
D15
D14
D13
D12
D11
D10
D9
D8
0
1
1
1
0
1
1
0
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
1
0
0
1
0
Bit(s)
Reset
Value
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com