Electronic Components Datasheet Search
  English  ▼

X  

STAC9752A Datasheet(PDF) 85 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 85 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 81Page - Integrated Device Technology STAC9752A Datasheet HTML 82Page - Integrated Device Technology STAC9752A Datasheet HTML 83Page - Integrated Device Technology STAC9752A Datasheet HTML 84Page - Integrated Device Technology STAC9752A Datasheet HTML 85Page - Integrated Device Technology STAC9752A Datasheet HTML 86Page - Integrated Device Technology STAC9752A Datasheet HTML 87Page - Integrated Device Technology STAC9752A Datasheet HTML 88Page - Integrated Device Technology STAC9752A Datasheet HTML 89Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
85
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
8. LOW POWER MODES
The STAC9752A/9753A is capable of operating at reduced power when no activity is required. The
state of power down is controlled by the Powerdown Register (26h). There are seven separate com-
mands of power down. The power down options are listed in Table 28. The first three bits,
PR0..PR2, can be used individually or in combination with each other, and control power distribution
to the ADCs, DACs and Mixer. The last analog power control bit, PR3, affects analog bias and refer-
ence voltages, and can only be used in combination with PR1, PR2, and PR3. PR3 essentially
removes power from all analog sections of the CODEC, and is generally only asserted when the
CODEC will not be needed for long periods. PR0 and PR1 control the PCM ADCs and DACs only.
PR2 and PR3 do not need to be "set" before a PR4, but PR0 and PR1 should be "set" before PR4.
PR5 disables the DSP clock and does not require an external cold reset for recovery. PR6 disables
the headphone driver amplifier for additional analog power saving.
Figure 22. Example of STAC9752A/9753A Powerdown/Powerup Flow
The Figure 22 illustrates one example procedure to do a complete powerdown of STAC9752A/
9753A . From normal operation, sequential writes to the Powerdown Register are performed to
power down STAC9752A/9753A a section at a time. After everything has been shut off, a final write
(of PR4) can be executed to shut down the AC-Link. The part will remain in sleep mode with all its
registers holding their static values. To wake up, the AC'97 Controller will send an extended pulse on
the sync line, issuing a warm reset. This will restart the AC-Link (resetting PR4 to zero). The
STAC9752A/9753A can also be woken up with a cold reset. A cold reset will reset all of the registers
to their default states (Paged Registers are semi-exempt). When a section is powered back on, the
Powerdown Control/Status register (index 26h) should be read to verify that the section is ready (sta-
ble) before attempting any operation that requires it.
Table 28. Low Power Modes
GRP Bits
Function
PR0
PCM in ADCs & Input Mux Powerdown
PR1
PCM out DACs Powerdown
PR2
Analog Mixer powerdown (VREF still on)
PR3
Analog Mixer powerdown (VREF off)
PR4
Digital Interface (AC-Link) powerdown (BIT CLK forced low)
PR5
Digital Clock disable, BIT CLK still on
PR6
Powerdown HEADPHONE_OUT
Warm Reset
Cold Reset
Ready =1
Normal
ADCs off PR0
DACs off PR1
Analog off
PR2 or PR3
Digital I/F off
PR4
Shut off
AC-Link
Default
PR0=0 & ADC=1
PR1=0 & DAC=1
PR2=0 & ANL=1
PR0=1
PR1=1
PR2=1
PR4=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com