Electronic Components Datasheet Search
  English  ▼

X  

STAC9752A Datasheet(PDF) 63 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 63 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 59Page - Integrated Device Technology STAC9752A Datasheet HTML 60Page - Integrated Device Technology STAC9752A Datasheet HTML 61Page - Integrated Device Technology STAC9752A Datasheet HTML 62Page - Integrated Device Technology STAC9752A Datasheet HTML 63Page - Integrated Device Technology STAC9752A Datasheet HTML 64Page - Integrated Device Technology STAC9752A Datasheet HTML 65Page - Integrated Device Technology STAC9752A Datasheet HTML 66Page - Integrated Device Technology STAC9752A Datasheet HTML 67Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
63
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
7.1.18.1.
Ready Status
The lower half of this register is read only status, a 1 indicating that each subsection is ready. Ready
is defined as the subsection's ability to perform in its nominal state. When this register is written, the
bit values that come in on AC-Link will have no effect on read-only bits 0-7.
When the AC-Link “CODEC Ready” indicator bit (SDATA_IN slot 0, bit 15) is a 1, it indicates that the
AC-Link and AC'97 control and status registers are in a fully operational state. The AC'97 controller
must further probe this PowerdownControl/Status Register to determine exactly which subsections,
if any, are ready. When this register is written, the bit values that come in on AC-Link will have no
effect on read-only bits 0-7.
7.1.18.2.
Powerdown Controls
The STAC9752A/9753A is capable of operating at reduced power when no activity is required. The
power-down state is controlled by the Powerdown Register (26h). See the section “Low Power
Modes” for more information.
7.1.18.3.
External Amplifier Power Down Control Output
The EAPD bit (bit 15 of the Powerdown Control/Status Register (Index 26h)), directly controls the
EAPD output, pin 45, and produces a logical 1 when this bit is set to logic high. This function is used
to control an external audio amplifier power-down. EAPD= 0 places approximately 0V on the output
pin, enabling an external audio amplifier. EAPD=1 places approximately DVdd on the output pin,
disabling the external audio amplifier. Audio amplifiers that operate with reverse polarity will likely
require an external inverter to maintain software driver compatibility.
EAPD can also act as a GPIO. See Section 7.4.11: page82. The GPIO controls in Section 7.2:
page68 have no effect on EAPD.
7.1.19.
Extended Audio ID (28h)
Default: 0A05h
The Extended Audio ID register is a read-only register except for bits D4 and D5. ID1 and ID0 echo
the configuration of the CODEC as defined by the programming of pins 45 and 46 externally. “00”
returned defines the CODEC as the primary CODEC, while any other code identifies the CODEC as
1
1
DAC
Read Only ---- DAC Status
1 = DAC ready to playback
0
1
ADC
Read Only ---- ADC Status
1 = ADC ready to record
D15
D14
D13
D12
D11
D10
D9
D8
ID1
ID0
Reserved
AMAP
RSVD
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
DSA1
DSA0
RESVD
SPDIF
RSVD
VRA
Bit(s)
Reset Value
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com