Electronic Components Datasheet Search
  English  ▼

X  

STAC9752A Datasheet(PDF) 98 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 98 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 94Page - Integrated Device Technology STAC9752A Datasheet HTML 95Page - Integrated Device Technology STAC9752A Datasheet HTML 96Page - Integrated Device Technology STAC9752A Datasheet HTML 97Page - Integrated Device Technology STAC9752A Datasheet HTML 98Page - Integrated Device Technology STAC9752A Datasheet HTML 99Page - Integrated Device Technology STAC9752A Datasheet HTML 100Page - Integrated Device Technology STAC9752A Datasheet HTML 101Page - Integrated Device Technology STAC9752A Datasheet HTML 102Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
98
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
13. PACKAGE DRAWINGS AND PC BOARD LAYOUT INFORMATION
13.1. 48-Pin LQFP
Figure 26. Package Drawing - 48-pin LQFP
Key
LQFP Dimensions in mm
Min.
Nom.
Max.
A
1.40
1.50
1.60
A1
0.05
0.10
0.15
A2
1.35
1.40
1.45
D
8.80
9.00
9.20
D1
6.90
7.00
7.10
E
8.80
9.00
9.20
E1
6.90
7.00
7.10
L
0.45
0.60
0.75
e
0.50
c
0.09
-
0.20
b
0.17
0.22
0.27
48 pin LQFP
D
D1
Pin 1
b
A
A2
A1
c
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com