Electronic Components Datasheet Search
  English  ▼

X  

STAC9752A Datasheet(PDF) 78 Page - Integrated Device Technology

Part # STAC9752A
Description  AC??7 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9752A Datasheet(HTML) 78 Page - Integrated Device Technology

Back Button STAC9752A Datasheet HTML 74Page - Integrated Device Technology STAC9752A Datasheet HTML 75Page - Integrated Device Technology STAC9752A Datasheet HTML 76Page - Integrated Device Technology STAC9752A Datasheet HTML 77Page - Integrated Device Technology STAC9752A Datasheet HTML 78Page - Integrated Device Technology STAC9752A Datasheet HTML 79Page - Integrated Device Technology STAC9752A Datasheet HTML 80Page - Integrated Device Technology STAC9752A Datasheet HTML 81Page - Integrated Device Technology STAC9752A Datasheet HTML 82Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 106 page
background image
STAC9752A/9753A
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
PC AUDIO
IDT™
78
STAC9752A/9753A
V 1.5 1206
AC’97 2.3 CODECS WITH STEREO MICROPHONE & UNIVERSAL JACK
Default: 0000h
7.4.7.
Sense Details (6Ah Page 01h)
Register 24h must be set to Page 01h to access this register.
Default: NA
D15
D14
D13
D12
D11
D10
D9
D8
Reserved
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
SPOR
DO1
RSVD
Bit(s) Reset Value
Name
Description
15:3
0
Reserved
Bits not used, should read back 0
2
0
SPOR
Over-ride Register 2Ah, D12 write-lock when SPDIF_EN = 1.
All bits except SPDIF sample-rate are affected (D13-D12). Allows for sub-code
changing on-the-fly.
1
0
DO1
SPDIF Digital Output Source Selection:
DO1 = 0; PCM data from the AC-Link to SPDIF
DO1 = 1; ADC record data to SPDIF
0
0
Reserved
Bits not used, should read back 0
D15
D14
D13
D12
D11
D10
D9
D8
ST2
ST1
ST0
S4
S3
S2
S1
S0
D7
D6
D5
D4
D3
D2
D1
D0
OR1
OR0
SR5
SR4
SR3
SR2
SR1
SR1
Bit(s) Reset Value
Name
Description
15-13
ST2:ST0
Connector/Jack location bits
This field describes the location of the jack in the system.
0h - Rear I/O Panel
1h - Front Panel
2h - Motherboard
3h - Dock/External
4h:6h - Reserved
7h - No Connection/unused I/O
These bits are Read/Write.
12-8
S4:S0
Sensed bits meaning relates to the I/O being sense as output or inputs.
Sensed bits (outputs): See Table 26: page79.
This field allows for the reporting of the type of output peripheral/device plugged in
the jack. Values specified below should be interrogated in conjunction with the
SR[5:0] and OR[1:0] bits for accurate reporting.
Sensed bits (inputs): See Table 27: page79.
This field allows for the reporting of the type of input peripheral/device plugged in
the jack. Values specified below should be interrogated in conjunction with the
SR[5:0] and OR[1:0] bits for accurate reporting.
This field is Read Only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com