Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 207 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 207 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 203Page - PMC-Sierra, Inc PM7346 Datasheet HTML 204Page - PMC-Sierra, Inc PM7346 Datasheet HTML 205Page - PMC-Sierra, Inc PM7346 Datasheet HTML 206Page - PMC-Sierra, Inc PM7346 Datasheet HTML 207Page - PMC-Sierra, Inc PM7346 Datasheet HTML 208Page - PMC-Sierra, Inc PM7346 Datasheet HTML 209Page - PMC-Sierra, Inc PM7346 Datasheet HTML 210Page - PMC-Sierra, Inc PM7346 Datasheet HTML 211Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 186
Register 046H, 146H, 246H, 346H: J2-FRMR Alarm Interrupt Enable
Bit
Type
Function
Default
Bit 7
R/W
LOSE
0
Bit 6
R/W
LOFE
0
Bit 5
R/W
COFAE
0
Bit 4
R/W
RAIE
0
Bit 3
R/W
RLOFE
0
Bit 2
R/W
RLOF_THR
1
Bit 1
R/W
PHYAISE
0
Bit 0
R/W
PLDAISE
0
LOSE
When LOSE is logic 1, the J2-FRMR will generate an interrupt when the LOS
condition changes state. Note that the LOS bit is not valid when the UNI bit is
set in the J2-FRMR Configuration Register.
LOFE
When LOFE is logic 1, the J2-FRMR will generate an interrupt when LOF
changes state.
COFAE
When COFAE is logic 1, the J2-FRMR will generate an interrupt when a
change of frame alignment occurs.
RAIE
When RAIE is logic 1, the J2-FRMR will generate an interrupt when RAI
changes state.
RLOFE
When RLOFE is logic 1, the J2-FRMR will generate an interrupt when RLOF
changes state.
RLOF_THR
The RLOF Threshold bit determines the number of consecutive a-bits that are
required for the state of RLOF to change. When RLOF_THR is logic 0, RLOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com