Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 204 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 204 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 200Page - PMC-Sierra, Inc PM7346 Datasheet HTML 201Page - PMC-Sierra, Inc PM7346 Datasheet HTML 202Page - PMC-Sierra, Inc PM7346 Datasheet HTML 203Page - PMC-Sierra, Inc PM7346 Datasheet HTML 204Page - PMC-Sierra, Inc PM7346 Datasheet HTML 205Page - PMC-Sierra, Inc PM7346 Datasheet HTML 206Page - PMC-Sierra, Inc PM7346 Datasheet HTML 207Page - PMC-Sierra, Inc PM7346 Datasheet HTML 208Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 183
Register 044H, 144H, 244H, 344H: J2-FRMR Configuration
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
R/W
UNI
0
Bit 5
R/W
REFRAME
0
Bit 4
R/W
FLOCK
0
Bit 3
R/W
CRC_REFR
0
Bit 2
R/W
SFRME
0
Bit 1
R/W
LOSTHR[1]
1
Bit 0
R/W
LOSTHR[0]
1
UNI:
When the UNI bit is set to logic 0, the J2-FRMR expects unipolar data on the
RDATI input and line code violation indications on the RLCV input. When UNI
is logic 0, the J2-FRMR expects bipolar B8ZS encoded data on the RPOS
and RNEG inputs. When UNI is set to logic 1, then the LOS, LOSI, and EXZI
indications cannot be used.
REFRAME:
Writing the REFRAME bit logic 1 forces the J2-FRMR to declare loss of
frame, and begin searching for a new alignment. In order to force another
reframe, REFRAME must be written with logic 0, and then logic 1 again.
FLOCK:
When the FLOCK bit is set to logic 1, the J2-FRMR is prevented from
declaring Loss of Frame and searching for a new frame alignment due to
framing-pattern errors. In this case, the J2-FRMR will only search for frame
alignment when the REFRAME register bit transitions from logic 0 to logic 1.
CRC_REFR
When the CRC Reframe Enable bit is set to logic 1, an alternate framing
algorithm is enabled, which uses the CRC-5 check to detect framing to a
mimic pattern in the payload or signaling bits. The framer, once it has seen at
least one correct framing pattern, begins looking for correct CRC-5s as well.
If it observes three consecutive correct framing patterns, and two correct
CRC-5 sequences, then frame is declared. Otherwise, a reframe is initiated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com