Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 200 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 200 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 196Page - PMC-Sierra, Inc PM7346 Datasheet HTML 197Page - PMC-Sierra, Inc PM7346 Datasheet HTML 198Page - PMC-Sierra, Inc PM7346 Datasheet HTML 199Page - PMC-Sierra, Inc PM7346 Datasheet HTML 200Page - PMC-Sierra, Inc PM7346 Datasheet HTML 201Page - PMC-Sierra, Inc PM7346 Datasheet HTML 202Page - PMC-Sierra, Inc PM7346 Datasheet HTML 203Page - PMC-Sierra, Inc PM7346 Datasheet HTML 204Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 179
pulse of the same polarity to the previous bipolar violation. To generate
another LCV, the DLCV register bit must be first be written to logic 0 and then
to logic 1 again.
DFERR:
The DFERR bit selects whether the framing pattern is corrupted for
diagnostic purposes. When DFERR is logic 1, the framing pattern inserted
into the output data stream is inverted. When DFERR is logic 0, the unaltered
framing pattern inserted into the output data stream.
CPERR:
The CPERR bit enables continuous generation of BIP-8 errors for diagnostic
purposes. When CPERR is logic 1, the calculated BIP-8 value is continuously
inverted according to the error mask specified by the BIP-8 Error Mask
register and inserted into the G.832 EM byte. When CPERR is logic 0, the
calculated BIP-8 value is altered only once, according to the error mask
specified by the BIP-8 Error Mask register, and inserted into the EM byte.
PYLD&JUST:
The PYLD&JUST bit selects whether the justification service bits and the
tributary justification bits in framing modes G.751 is indicated as overhead or
payload. When PYLD&JUST is logic 1, the justification service bits and the
tributary justification bits are indicated as payload. When PYLD&JUST is
logic 0, the justification service and tributary justification bits are indicated as
overhead. For G.751 ATM applications, this bit must be set to logic 1 for
correct cell mapping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com