Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 198 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 198 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 194Page - PMC-Sierra, Inc PM7346 Datasheet HTML 195Page - PMC-Sierra, Inc PM7346 Datasheet HTML 196Page - PMC-Sierra, Inc PM7346 Datasheet HTML 197Page - PMC-Sierra, Inc PM7346 Datasheet HTML 198Page - PMC-Sierra, Inc PM7346 Datasheet HTML 199Page - PMC-Sierra, Inc PM7346 Datasheet HTML 200Page - PMC-Sierra, Inc PM7346 Datasheet HTML 201Page - PMC-Sierra, Inc PM7346 Datasheet HTML 202Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 177
Register 040H, 140H, 240H, 340H: E3 TRAN Framing Options
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
R/W
Reserved
0
Bit 4
R/W
Reserved
0
Bit 3
R/W
Reserved
0
Bit 2
R/W
Reserved
0
Bit 1
R/W
FORMAT[1]
0
Bit 0
R/W
FORMAT[0]
0
FORMAT[1:0]:
The FORMAT[1:0] bits determine the framing mode used for framing pattern
when generating the formatted output data stream. The FORMAT[1:0] bits
select one of two framing formats:
Table 13
- E3 TRAN FORMAT[1:0] Configurations
FORMAT[1]
FORMAT[0]
Framing Format Selected
0
0
G.751 E3 format
0
1
G.832 E3 format
10
Reserved
11
Reserved
Reserved:
The Reserved bits must be programmed to logic 0 for correct operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com