Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 195 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 195 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 191Page - PMC-Sierra, Inc PM7346 Datasheet HTML 192Page - PMC-Sierra, Inc PM7346 Datasheet HTML 193Page - PMC-Sierra, Inc PM7346 Datasheet HTML 194Page - PMC-Sierra, Inc PM7346 Datasheet HTML 195Page - PMC-Sierra, Inc PM7346 Datasheet HTML 196Page - PMC-Sierra, Inc PM7346 Datasheet HTML 197Page - PMC-Sierra, Inc PM7346 Datasheet HTML 198Page - PMC-Sierra, Inc PM7346 Datasheet HTML 199Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 174
the state of the FEBE bit has occurred since the last time this register was
read.
FERFI:
The FERFI bit is a transition indication. When FERFI is logic 1, a change of
state of the Far End Receive Failure indication bit (bit 1 of the G.832
Maintenance and Adaptation byte), or when the Remote Alarm indication bit
(bit 12 of the frame in G.751) has occurred. When FERFI is logic 0, no
changes in the state of the FERF or RAI bit has occurred since the last time
this register was read.
AISDI:
The AISDI bit is a transition indication. When AISDI is logic 1, a change in
state of the AISD indication has occurred. When AISDI is logic 0, no changes
in the state of the AISD signal has occurred since the last time this register
was read.
PERRI:
The PERRI bit is an event indication. When PERRI is logic 1, the occurrence
of one or more BIP-8 errors (in G.832 mode) has been detected. When
PERRI is logic 0, no occurrences of BIP-8 errors have occurred since the last
time this register was read.
FERRI:
The FERRI bit is an event indication. When FERRI is logic 1, the occurrence
of one or more framing bit error has been detected. When FERRI is logic 0,
no occurrences of framing bit errors have occurred since the last time this
register was read.
The transition/event interrupt indications within this register work independently
from the interrupt enable bits, allowing the microprocessor to poll the register to
determine the activity of the maintenance events. The contents of this register
are cleared to logic 0 after the register is read; the INTB output is also cleared to
logic 1 if the interrupt was generated by any of the Maintenance Event outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com