Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 192 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 192 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 188Page - PMC-Sierra, Inc PM7346 Datasheet HTML 189Page - PMC-Sierra, Inc PM7346 Datasheet HTML 190Page - PMC-Sierra, Inc PM7346 Datasheet HTML 191Page - PMC-Sierra, Inc PM7346 Datasheet HTML 192Page - PMC-Sierra, Inc PM7346 Datasheet HTML 193Page - PMC-Sierra, Inc PM7346 Datasheet HTML 194Page - PMC-Sierra, Inc PM7346 Datasheet HTML 195Page - PMC-Sierra, Inc PM7346 Datasheet HTML 196Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 171
Register 03CH, 13CH, 23CH, 33CH: E3 FRMR Maintenance Event Interrupt
Enable
Bit
Type
Function
Default
Bit 7
R/W
FERRE
0
Bit 6
R/W
PERRE
0
Bit 5
R/W
AISDE
0
Bit 4
R/W
FERFE
0
Bit 3
R/W
FEBEE
0
Bit 2
R/W
PTYPEE
0
Bit 1
R/W
TIMEMKE
0
Bit 0
R/W
NATUSEE
0
NATUSEE:
The NATUSEE bit is an interrupt enable. When NATUSEE is logic 1, an
interrupt is generated on the INTB output when the National Use bit (bit 12 of
the frame in G.751 E3 mode) changes state. When NATUSEE is logic 0,
changes in state of the National Use bit does not cause an interrupt on INTB.
TIMEMKE:
The TIMEMKE bit is an interrupt enable. When TIMEMKE is logic 1, an
interrupt is generated on the INTB output when the Timing Marker bit (bit 8 of
the G.832 Maintenance and Adaptation byte) changes state after the
selected persistency check is applied. When TIMEMKE is logic 0, changes in
state of the Timing Marker bit does not cause an interrupt on INTB.
PTYPEE:
The PTYPEE bit is an interrupt enable. When PTYPEE is logic 1, an interrupt
is generated on the INTB output when the Payload Type bits (bits 3,4,5 of the
G.832 Maintenance and Adaptation byte) change state. When PTYPEE is
logic 0, changes in state of the Payload Type bits does not cause an interrupt
on INTB.
FEBEE:
The FEBEE bit is an interrupt enable. When FEBEE is logic 1, an interrupt is
generated on the INTB output when the Far End Block Error indication bit (bit
2 of the G.832 Maintenance and Adaptation byte) changes state. When



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com