Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 193 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 193 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 189Page - PMC-Sierra, Inc PM7346 Datasheet HTML 190Page - PMC-Sierra, Inc PM7346 Datasheet HTML 191Page - PMC-Sierra, Inc PM7346 Datasheet HTML 192Page - PMC-Sierra, Inc PM7346 Datasheet HTML 193Page - PMC-Sierra, Inc PM7346 Datasheet HTML 194Page - PMC-Sierra, Inc PM7346 Datasheet HTML 195Page - PMC-Sierra, Inc PM7346 Datasheet HTML 196Page - PMC-Sierra, Inc PM7346 Datasheet HTML 197Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 172
FEBEE is logic 0, changes in state of the FEBE bit does not cause an
interrupt on INTB.
FERFE:
The FERFE bit is an interrupt enable. When FERFE is logic 1, an interrupt is
generated on the INTB output when the Far End Receive Failure indication bit
(bit 1 of the G.832 Maintenance and Adaptation byte), or when the Remote
Alarm indication bit (bit 11 of the frame in G.751) changes state after the
selected persistency check is applied. When FERFE is logic 0, changes in
state of the FERF or RAI bit does not cause an interrupt on INTB.
AISDE:
The AISDE bit is an interrupt enable. When AISDE is logic 1, an interrupt is
generated on the INTB output when the AISD indication changes state.
When AISDE is logic 0, changes in state of the AISD signal does not cause
an interrupt on INTB.
PERRE:
The PERRE bit is an interrupt enable. When PERRE is logic 1, an interrupt is
generated on the INTB output when a BIP-8 error (in G.832 mode) is
detected. When PERRE is logic 0, occurrences of BIP-8 errors do not cause
an interrupt on INTB.
FERRE:
The FERRE bit is an interrupt enable. When FERRE is logic 1, an interrupt is
generated on the INTB output when a framing bit error is detected. When
FERRE is logic 0, occurrences of framing bit errors do not cause an interrupt
on INTB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com