Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 196 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 196 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 192Page - PMC-Sierra, Inc PM7346 Datasheet HTML 193Page - PMC-Sierra, Inc PM7346 Datasheet HTML 194Page - PMC-Sierra, Inc PM7346 Datasheet HTML 195Page - PMC-Sierra, Inc PM7346 Datasheet HTML 196Page - PMC-Sierra, Inc PM7346 Datasheet HTML 197Page - PMC-Sierra, Inc PM7346 Datasheet HTML 198Page - PMC-Sierra, Inc PM7346 Datasheet HTML 199Page - PMC-Sierra, Inc PM7346 Datasheet HTML 200Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 175
Register 03EH, 13EH, 23EH, 33EH: E3 FRMR Maintenance Event Status
Bit
Type
Function
Default
Bit 7
R
AISD
X
Bit 6
R
FERF/RAI
X
Bit 5
R
FEBE
X
Bit 4
R
PTYPE[2]
X
Bit 3
R
PTYPE[1]
X
Bit 2
R
PTYPE[0]
X
Bit 1
R
TIMEMK
X
Bit 0
R
NATUSE
X
NATUSE:
The NATUSE bit reflects the state of the extracted National Use bit (bit 12 of
the frame in G.751 E3 mode).
TIMEMK:
The TIMEMK bit reflects the state of the Timing Marker bit (bit 8 of the G.832
Maintenance and Adaptation byte).
PTYPE[2:0]:
The PTYPE[2:0] bits reflect the state of the Payload Type bits (bits 3,4,5 of
the G.832 Maintenance and Adaptation byte). These bits are not latched and
should be read 2 or 3 times in rapid succession to ensure a coherent binary
value.
FEBE:
The FEBE bit reflects the state of the Far End Block Error indication bit (bit 2
of the G.832 Maintenance and Adaptation byte).
FERF:
The FERF bit reflects the value of the Far End Receive Failure indication bit
(bit 1 of the G.832 Maintenance and Adaptation byte), or the value of the
Remote Alarm indication bit (bit 11 of the frame in G.751) when the value has
been the same for either 3 or 5 consecutive frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com