Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 205 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 205 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 201Page - PMC-Sierra, Inc PM7346 Datasheet HTML 202Page - PMC-Sierra, Inc PM7346 Datasheet HTML 203Page - PMC-Sierra, Inc PM7346 Datasheet HTML 204Page - PMC-Sierra, Inc PM7346 Datasheet HTML 205Page - PMC-Sierra, Inc PM7346 Datasheet HTML 206Page - PMC-Sierra, Inc PM7346 Datasheet HTML 207Page - PMC-Sierra, Inc PM7346 Datasheet HTML 208Page - PMC-Sierra, Inc PM7346 Datasheet HTML 209Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 184
When CRC_REFR is set to logic 0, the framing algorithm simply searches for
three consecutive correct framing patterns.
SFRME
When the Single Framing Bit Error (SFRME) bit is set to logic 1, then the J2-
FRMR will indicate (to the PMON) a single framing error for every J2 multi-
frame which contains one or more framing errors. When the SFRME bit is set
to logic 0, the J2-FRMR will identify every framing error to the PMON.
LOSTHR[1:0]
The Loss of Signal Threshold bits select the number of consecutive zeroes
required before the J2-FRMR will declare Loss of Signal (LOS), and the
number of bit periods without an occurrence of excess zeroes that must pass
before the J2-FRMR will de-assert Loss of Signal. The thresholds are as
follows:
Table 14
- J2 FRMR LOS Threshold Configurations
LOSTHR[1]
LOSTHR[0]
Threshold
00
15
01
31
10
63
1
1
255
Thus, if LOSTHR[1:0] = 11 binary, LOS will be declared after the 255th
consecutive binary zero, and de-asserted when 255 bit periods have passed
without an occurrence of a string of eight or more consecutive zeroes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com