Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 247 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 247 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 243Page - PMC-Sierra, Inc PM7346 Datasheet HTML 244Page - PMC-Sierra, Inc PM7346 Datasheet HTML 245Page - PMC-Sierra, Inc PM7346 Datasheet HTML 246Page - PMC-Sierra, Inc PM7346 Datasheet HTML 247Page - PMC-Sierra, Inc PM7346 Datasheet HTML 248Page - PMC-Sierra, Inc PM7346 Datasheet HTML 249Page - PMC-Sierra, Inc PM7346 Datasheet HTML 250Page - PMC-Sierra, Inc PM7346 Datasheet HTML 251Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 226
Register 064H, 164H, 264H, 364H: RXCP-50 Status/Interrupt Status
Bit
Type
Function
Default
Bit 7
R
OOCDV
X
Bit 6
R
LCDV
X
Bit 5
Unused
X
Bit 4
R
OOCDI
X
Bit 3
R
CHCSI
X
Bit 2
R
UHCSI
X
Bit 1
R
FOVRI
X
Bit 0
R
LCDI
X
LCDI:
The LCDI bit is set high when there is a change in the loss of cell delineation
(LCD) state. This bit is reset immediately after a read to this register.
FOVRI:
The FOVRI bit is set to logic 1 when a FIFO overrun occurs. This bit is reset
immediately after a read to this register. No further FIFO overrun indications
will occur until the condition which caused the original overrun has cleared. In
the case where continuous FIFO overruns are occurring, only a single
overrun indication (FOVRI -> ‘1’) will be recorded until the overruns cease.
UHCSI:
The UHCSI bit is set high when an uncorrected HCS error is detected. This
bit is reset immediately after a read to this register.
CHCSI:
The CHCSI bit is set high when a corrected HCS error is detected. This bit is
reset immediately after a read to this register.
OOCDI:
The OOCDI bit is set high when the RXCP-50 enters or exits the SYNC state.
The OOCDV bit indicates whether the RXCP-50 is in the SYNC state or not.
The OOCDI bit is reset immediately after a read to this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com