Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 245 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 245 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 241Page - PMC-Sierra, Inc PM7346 Datasheet HTML 242Page - PMC-Sierra, Inc PM7346 Datasheet HTML 243Page - PMC-Sierra, Inc PM7346 Datasheet HTML 244Page - PMC-Sierra, Inc PM7346 Datasheet HTML 245Page - PMC-Sierra, Inc PM7346 Datasheet HTML 246Page - PMC-Sierra, Inc PM7346 Datasheet HTML 247Page - PMC-Sierra, Inc PM7346 Datasheet HTML 248Page - PMC-Sierra, Inc PM7346 Datasheet HTML 249Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 224
Register 063H, 163H, 263H, 363H: RXCP-50 Interrupt Enables and Counter
Status
Bit
Type
Function
Default
Bit 7
R
XFERI
X
Bit 6
R
OVR
X
Bit 5
Unused
X
Bit 4
R/W
XFERE
0
Bit 3
R/W
OOCDE
0
Bit 2
R/W
HCSE
0
Bit 1
R/W
FOVRE
0
Bit 0
R/W
LCDE
0
LCDE:
The LCDE bit enables the generation of an interrupt due to a change in the
LCD state. When LCDE is set to logic 1, the interrupt is enabled.
FOVRE:
The FOVRE bit enables the generation of an interrupt due to a FIFO overrun
error condition. When FOVRE is set to logic 1, the interrupt is enabled.
HCSE:
The HCSE bit enables the generation of an interrupt due to the detection of a
corrected or an uncorrected HCS error. When HCSE is set to logic 1, the
interrupt is enabled.
OOCDE:
The OOCDE bit enables the generation of an interrupt due to a change in cell
delineation state. When OOCDE is set to logic 1, the interrupt is enabled.
XFERE:
The XFERE bit enables the generation of an interrupt when an accumulation
interval is completed and new values are stored in the RXCP-50 Count
registers. When XFERE is set to logic 1, the interrupt is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com