Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 243 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 243 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 239Page - PMC-Sierra, Inc PM7346 Datasheet HTML 240Page - PMC-Sierra, Inc PM7346 Datasheet HTML 241Page - PMC-Sierra, Inc PM7346 Datasheet HTML 242Page - PMC-Sierra, Inc PM7346 Datasheet HTML 243Page - PMC-Sierra, Inc PM7346 Datasheet HTML 244Page - PMC-Sierra, Inc PM7346 Datasheet HTML 245Page - PMC-Sierra, Inc PM7346 Datasheet HTML 246Page - PMC-Sierra, Inc PM7346 Datasheet HTML 247Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 222
Register 062H, 162H, 262H, 362H: RXCP-50 FIFO/UTOPIA Control & Config
Bit
Type
Function
Default
Bit 7
R/W
RXPTYP
0
Bit 6
Unused
X
Bit 5
R/W
RCAINV
0
Bit 4
R/W
RCALEVEL0
1
Bit 3
Unused
X
Bit 2
Unused
X
Bit 1
Unused
X
Bit 0
R/W
FIFORST
0
FIFORST:
The FIFORST bit is used to reset the four-cell receive FIFO. When FIFORST
is set to logic 0, the FIFO operates normally. When FIFORST is set to logic 1,
the FIFO is immediately emptied and further writes into the FIFO are ignored
(no incoming ATM cells will be stored in the FIFO). The FIFO remains empty
and continues to ignore writes until a logic 0 is written to FIFORST.
See section 12.8 on resetting the receive and transmit FIFOs.
RCALEVEL0:
The RCALEVEL0 register bit selects the behavior of RCA and DRCA[x] when
they de-assert (transition to logic 0 if RCAINV is logic 0, or transition to logic 1
if RCAINV is logic 1) as the receive FIFO empties.
When RCALEVEL0 is set to logic 1, DRCA[x] and RCA indicates that the
receive FIFO is empty. RCA (and DRCA[x]), if polled, will de-assert on the
rising RFCLK edge after Payload byte 48 (ATM8=1) or Payload byte 24
(ATM8=0) is output.
When RCALEVEL0 is set to logic 0, DRCA[x] and RCA, if polled, indicates
that the receive FIFO is near empty. DRCA[x] and RCA, if polled, will de-
assert on the rising RFCLK edge after Payload byte 43 (ATM8=1) or Payload
byte 19 (ATM8=0) is output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com