Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 240 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 240 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 236Page - PMC-Sierra, Inc PM7346 Datasheet HTML 237Page - PMC-Sierra, Inc PM7346 Datasheet HTML 238Page - PMC-Sierra, Inc PM7346 Datasheet HTML 239Page - PMC-Sierra, Inc PM7346 Datasheet HTML 240Page - PMC-Sierra, Inc PM7346 Datasheet HTML 241Page - PMC-Sierra, Inc PM7346 Datasheet HTML 242Page - PMC-Sierra, Inc PM7346 Datasheet HTML 243Page - PMC-Sierra, Inc PM7346 Datasheet HTML 244Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 219
Register 061H, 161H, 261H, 361H: RXCP-50 Configuration 2
Bit
Type
Function
Default
Bit 7
R/W
CCDIS
0
Bit 6
R/W
HCSPASS
0
Bit 5
R/W
IDLEPASS
0
Bit 4
R/W
IN52
0
Bit 3
R/W
ALIGN[1]
0
Bit 2
R/W
ALIGN[0]
0
Bit 1
R/W
HCSFTR[1]
0
Bit 0
R/W
HCSFTR[0]
0
HCSFTR[1:0]:
The HCS filter bits, HCSFTR[1:0] indicate the number of consecutive error-
free cells required, while in detection mode, before reverting back to
correction mode.
Table 16
- RXCP-50 HCS Filtering Configurations
HCSFTR[1:0]
Cell Acceptance Threshold
00
One ATM cell with correct HCS before resumption of cell
acceptance. This cell is accepted.
01
Two ATM cells with correct HCS before resumption of cell
acceptance. The last cell is accepted.
10
Four ATM cells with correct HCS before resumption of cell
acceptance. The last cell is accepted.
11
Eight ATM cells with correct HCS before resumption of cell
acceptance. The last cell is accepted.
ALIGN[1:0]:
ALIGN[1:0] configures the RXCP-50 to perform cell delineation based on
byte, nibble, or bit wide search algorithms when ATM Direct Mapping is used.
Cell alignment is relative to overhead bits in the serial input data stream. The
ALIGN[1:0] bits are valid only if ATM direct mapping is used - PLCP framing
must be disabled. Recommended settings for DS3, E3, and J2 are shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com