Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 237 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 237 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 233Page - PMC-Sierra, Inc PM7346 Datasheet HTML 234Page - PMC-Sierra, Inc PM7346 Datasheet HTML 235Page - PMC-Sierra, Inc PM7346 Datasheet HTML 236Page - PMC-Sierra, Inc PM7346 Datasheet HTML 237Page - PMC-Sierra, Inc PM7346 Datasheet HTML 238Page - PMC-Sierra, Inc PM7346 Datasheet HTML 239Page - PMC-Sierra, Inc PM7346 Datasheet HTML 240Page - PMC-Sierra, Inc PM7346 Datasheet HTML 241Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 216
Register 05DH, 15DH, 25DH, 35DH: TDPR Transmit Data
Bit
Type
Function
Default
Bit 7
R/W
TD[7]
X
Bit 6
R/W
TD[6]
X
Bit 5
R/W
TD[5]
X
Bit 4
R/W
TD[4]
X
Bit 3
R/W
TD[3]
X
Bit 2
R/W
TD[2]
X
Bit 1
R/W
TD[1]
X
Bit 0
R/W
TD[0]
X
Consecutive writes to the TDPR Configuration, TDPR Interrupt Status/UDR
Clear, and TDPR Transmit Data register and reads of the TDPR Interrupt
Status/UDR Clear register should not occur at rates greater than 1/8th that of the
clock selected by the LINESYSCLK bit of the S/UNI-QJET Misc. register (09BH,
19BH, 29BH, 39BH).
TD[7:0]:
The TD[7:0] bits contain the data to be transmitted on the data link. Data
written to this register is serialized and transmitted (TD[0] is transmitted first).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com