Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 277 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 277 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 273Page - PMC-Sierra, Inc PM7346 Datasheet HTML 274Page - PMC-Sierra, Inc PM7346 Datasheet HTML 275Page - PMC-Sierra, Inc PM7346 Datasheet HTML 276Page - PMC-Sierra, Inc PM7346 Datasheet HTML 277Page - PMC-Sierra, Inc PM7346 Datasheet HTML 278Page - PMC-Sierra, Inc PM7346 Datasheet HTML 279Page - PMC-Sierra, Inc PM7346 Datasheet HTML 280Page - PMC-Sierra, Inc PM7346 Datasheet HTML 281Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 256
Register 091H, 191H, 291H, 391H: TTB Trail Trace Identifier Status
Bit
Type
Function
Default
Bit 7
R
BUSY
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
R
RTIUI
X
Bit 2
R
RTIUV
X
Bit 1
R
RTIMI
X
Bit 0
R
RTIMV
X
RTIMV:
The receive trace identifier mismatch value status bit (RTIMV) is set high
when the accepted message differs from the expected message. RTIMV is
set low when the accepted message is equal to the expected message. A
mismatch is not declared if the accepted trail trace message string is all-
zeros.
RTIMI:
The receive trace identifier mismatch indication status bit (RTIMI) is set high
when match/mismatch status of the trace identifier framer changes state.
This bit (and the interrupt) is cleared when this register is read.
RTIUV:
The receive trace identifier unstable value status bit (RTIUV) is set high when
8 messages that differ from its immediate predecessor are received. RTIUV
is set low and the unstable message count is reset when 3 or 5 (depending
on PER5 control bit) consecutive identical messages are received.
RTIUI:
The receive trace identifier unstable indication status bit (RTIUV) is set high
when the stable/unstable status of the trace identifier framer changes state.
This bit (and the interrupt) is cleared when this register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com