Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 281 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 281 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 277Page - PMC-Sierra, Inc PM7346 Datasheet HTML 278Page - PMC-Sierra, Inc PM7346 Datasheet HTML 279Page - PMC-Sierra, Inc PM7346 Datasheet HTML 280Page - PMC-Sierra, Inc PM7346 Datasheet HTML 281Page - PMC-Sierra, Inc PM7346 Datasheet HTML 282Page - PMC-Sierra, Inc PM7346 Datasheet HTML 283Page - PMC-Sierra, Inc PM7346 Datasheet HTML 284Page - PMC-Sierra, Inc PM7346 Datasheet HTML 285Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 260
Register 094H, 194H, 294H, 394H: TTB Expected Payload Type Label
Bit
Type
Function
Default
Bit 7
R/W
Reserved
0
Bit 6
R/W
Reserved
0
Bit 5
R/W
Reserved
0
Bit 4
R/W
Reserved
0
Bit 3
R/W
Reserved
0
Bit 2
R/W
EXPLD[2]
0
Bit 1
R/W
EXPLD[1]
0
Bit 0
R/W
EXPLD[0]
0
EXPLD[2:0]:
The EXPLD[2:0] bits contain the expected payload type label bits of the
G.832 E3 Maintenance and Adaptation (MA) byte. The EXPLD[2:0] bits are
compared with the received payload type label extracted from the receive
stream. A payload type label mismatch (PLDM) is declared if the received
payload type bits differs from the expected payload type. If enabled, an
interrupt is asserted upon declaration and removal of PLDM.
For compatibility with old equipment that inserts 000B for unequipped or
001B for equipped, regardless of the payload type, the receive payload type
label mismatch mechanism is based on the following table:
Table 20
- TTB Payload Type Match Configurations
Expected
Received
Action
000
000
Match
000
001
Mismatch
000
XXX
Mismatch
001
000
Mismatch
001
001
Match
001
XXX
Match
XXX
000
Mismatch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com