Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 283 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 283 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 279Page - PMC-Sierra, Inc PM7346 Datasheet HTML 280Page - PMC-Sierra, Inc PM7346 Datasheet HTML 281Page - PMC-Sierra, Inc PM7346 Datasheet HTML 282Page - PMC-Sierra, Inc PM7346 Datasheet HTML 283Page - PMC-Sierra, Inc PM7346 Datasheet HTML 284Page - PMC-Sierra, Inc PM7346 Datasheet HTML 285Page - PMC-Sierra, Inc PM7346 Datasheet HTML 286Page - PMC-Sierra, Inc PM7346 Datasheet HTML 287Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 262
Register 095H, 195H, 295H, 395H: TTB Payload Type Label Control/Status
Bit
Type
Function
Default
Bit 7
R/W
RPLDUIE
0
Bit 6
R/W
RPLDMIE
0
Bit 5
R
Unused
X
Bit 4
R
Unused
X
Bit 3
R
RPLDUI
X
Bit 2
R
RPLDUV
X
Bit 1
R
RPLDMI
X
Bit 0
R
RPLDMV
X
RPLDMV:
The receive payload type label mismatch status bit (RPLDMV) reports the
match/mismatch status between the expected and the received payload type
label. RPLDMV is set high when the received payload type bits differ from the
expected payload type written to the TTB Expected Payload Type Label
Register. The PLDMV bit is set low when the received payload type matches
the expected payload type.
RPLDMI:
The receive payload type label mismatch interrupt status bit (RPLDMI) is set
high when the match/mismatch status between the received and the
expected payload type label changes state. This bit (and the interrupt) is
cleared when this register is read.
RPLDUV:
The receive payload type label unstable status bit (RPLDUV) reports the
stable/unstable status of the payload type label bits in the receive stream.
RPLDUV is set high when 5 labels that differ from its immediate predecessor
are received. RPLDUV is set low and the unstable label count is reset when
5 consecutive identical labels are received.
RPLDUI:
The receive payload type label unstable interrupt status bit (RPLDUI) is set
high when the stable/unstable status of the path signal label changes state.
This bit (and the interrupt) is cleared when this register is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com