Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 285 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 285 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 281Page - PMC-Sierra, Inc PM7346 Datasheet HTML 282Page - PMC-Sierra, Inc PM7346 Datasheet HTML 283Page - PMC-Sierra, Inc PM7346 Datasheet HTML 284Page - PMC-Sierra, Inc PM7346 Datasheet HTML 285Page - PMC-Sierra, Inc PM7346 Datasheet HTML 286Page - PMC-Sierra, Inc PM7346 Datasheet HTML 287Page - PMC-Sierra, Inc PM7346 Datasheet HTML 288Page - PMC-Sierra, Inc PM7346 Datasheet HTML 289Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 264
Register 098H, 198H, 298H, 398H: RBOC Configuration/Interrupt Enable
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
R/W
IDLE
0
Bit 1
R/W
AVC
0
Bit 0
R/W
FEACE
0
FEACE:
The FEACE bit enables the generation of an interrupt when a valid far end
alarm and control (FEAC) code is detected. When a logic 1 is written to
FEACE, the interrupt generation is enabled.
AVC:
The AVC bit position selects the validation criterion used in determining a
valid FEAC code. When a logic 0 is written to AVC, a FEAC code is validated
when 8 out of the last 10 received codes are identical. The FEAC code is
removed when 2 out of the last 10 received code do not match the validated
code.
When a logic 1 is written to AVC, a FEAC code is validated when 4 out of the
last 5 received codes are identical. The FEAC code is removed when a single
received FEACs does not match the validated code.
IDLE:
The IDLE bit enables the generation of an interrupt when a validated FEAC is
removed. When a logic 1 is written to IDLE, the interrupt generation is
enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com