| Electronic Components Datasheet Search |
|
PM7346 Datasheet(PDF) 289 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7346 Datasheet(HTML) 289 Page - PMC-Sierra, Inc |
|
289 / 419 page ![]() PM7346 S/UNI-QJET DATASHEET PMC-960835 ISSUE 6 SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3 PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 268 forced to logic 0. When FORCELOS is logic 0, the TPOS/TDATO[x] and TNEG[x] outputs will operate normally. LOC_RESET: LOC_RESET performs a software local reset of the corresponding quadrant of the S/UNI-QJET. When LOC_RESET is logic 1, the corresponding quadrant of the S/UNI-QJET is held in a reset state. When LOC_RESET is logic 0, the quadrant is in normal operational mode. The LOC_RESET bit for quadrant 1 (reg 09BH) also resets the chip level Utopia bus. While the LOC_RESET for quadrant 1 is set to logic 1, the QJETs Utopia bus will be held in a reset state, and will not function. In applications where the Utopia bus is required, the LOC_RESET for quadrant 1 should not be permanently set to logic 1. TCELL: When the TCELL bit is a logic 1, the TPOHFP/TFPO/TMFPO/TGAPCLK/TCELL[4:1] pin takes on the TCELL function, and pulses once for every transmitted cell (idle or unassigned). Reserved: The reserved bit should be set to logic 0 for proper operation. TPRBS: Register bit TPRBS is used to insert a pseudo-random binary sequence into the transmit stream in place of other payload data. The exact nature of the PRBS is configurable through the PRGD registers (xA0H to xAFH). Reserved: The reserved bit should be set to logic 0 for proper operation. AISOOF: The AISOOF bit allows the receive data output stream on RDATO[x] to be forced to all 1’s when the DS3, E3, or J2 FRMR loses frame. When AISOOF is set to logic 1, RDATO[x] will be forced to all 1’s when frame alignment is lost. When AISOOF is set to logic 0, RDATO[x] will continue to output raw data even when frame alignment is lost. Note that AISOOF is only valid in framer-only mode (FRMRONLY=1, S/UNI- QJET Configuration 1 register). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |